Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-13
7.2.6
Acceptance Filtering
For the mailboxes 0 to 14, the global acceptance mask (GAM) will be used if the bit GAME in the
mailbox is set. An incoming message will be stored in the first mailbox with a matching identifier. Only
if there is no matching identifier in the mailboxes 0 to 14, the incoming message will be compared to
the receive-only mailbox (mailbox 15). If the LAME bit in mailbox 15 is set, the local acceptance mask
(LAM) will be used. The acceptance code in the figure below is the content of the identifier words of
the current mailbox.
AMR1
RXRqst
Identifier
Acceptance Code Register
Acceptance Mask Register
ACR0
ACR0
AMR1
ACRn
AMRn
Figure 7.2.3 Acceptance Filter Logic
Local Acceptance Mask (LAM)
The local acceptance mask register will only be used for filtering messages for mailbox 15. This
feature allows the user to locally mask, or “don’t care”, any identifier bits of the incoming message for
mailbox 15.
Bit
31302928
0
Name
LAMI
LAM
Bit
Name
Function
Reset
Value
Mode
31
LAMI
0 = The identifier extension bit stored in the mailbox determines
which messages shall be received.
1 = Don’t care: standard and extended frames can be received. In
case of an extended frame all 29 bits of the identifier stored in
the mailbox and all 29 bits of the local acceptance mask register
will be used for the filter. In case of a standard frame, only the
first eleven bits (bit 28 to 18) of the identifier and the local
acceptance mask will be used.
0
R/W
30:29
Wired to zero
0R
28:0
LAM
Incoming messages are first checked for an acceptance match in
mailbox 0 to 14 before passing through the mailbox 15. A “1” value
means, “don’t care” or accept a “0” or “1” for that bit position. A “0”
value means that the incoming bit value must match identically to
the corresponding bit in the message identifier. The global mask has
no effect for mailbox 15. After power-up, all bits are cleared.
0
R/W
For messages in extended format the identifier extension bit and the whole 29 bits of the identifier
will be compared and for messages in standard format only the first 11 bits and the identifier extension
bit will be compared.
The local acceptance mask will only be used for mailbox 15 (receive-only mailbox).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com