Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-10
7.2.4
Message Reception
The identifier of each incoming message is compared to the identifiers held in the receive mailboxes.
The comparison of the identifiers depends on the value of the global/local acceptance mask enable bit
(GAME/LAME) stored in the mailbox and the data held in the global/local acceptance mask
(GAM/LAM). When a matching identifier is detected, the received identifier, the control bits and the
data bytes are written into the matching RAM location. At the same time the corresponding receive
message pending bit RMPn is set and a receive-interrupt is generated, if it is enabled. After finding a
matching identifier, no further compare will be done. If no match is detected, the message is rejected.
The RMP bit has to be reset by the MCU after reading the data. If a second message has been received
for this mailbox and the RMP bit is already set, the corresponding message lost bit (RML) is set. In this
case, the stored message will be overwritten with the new data.
Only if an incoming message does not match to one of the mailboxes 0 to 14, this message will be
stored in the receive-only mailbox in case of a matching identifier (acceptance filter).
The following figure shows the timing of the flags and the write to the mailbox during message
reception:
S
O
F
Message 1
for mailbox “n”
CAN Bus
Message is valid
Set RMP
Set RML
Copy ID and data
to mailbox
RMPn register
RMLn register
E
O
F
I
F
S
S
O
F
Message 2
for mailbox “n”
E
O
F
I
F
S
Figure 7.2.2 Timing for Writing Received Message to Mailbox, Including Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com