Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-8
Transmission Request Reset Register (TRR)
Bit
15
14
0
Name
TRR
Bit
Name
Function
Reset
Value
Mode
15
Wired to zero
0R
14:0
TRR
Setting TRRn causes a transmission request to be cancelled that
was initiated by the corresponding bit TRSn, provided that the
transmission of this mailbox is not currently in process. If the
corresponding message is currently processed the bit will be reset in
the following cases: a successful transmission (normal operation),
an aborted transmission in case of a lost arbitration or an error
condition detected on the CAN bus line. In case of an aborted
transmission, the corresponding status bit AAn will be set and in
case of a successful transmission, the status bit TAn will be set.
The bits in TRR will be set by writing a “1” from the MCU. Writing a
“0” has no effect. After power-up, all bits are cleared.
0
R/S
These bits can only be set by the MCU and reset by the internal logic. They will be reset by internal
logic in case of a successful transmission or an aborted transmission. Bit 15 is not implemented because
the mailbox 15 is the receive-only mailbox. If TRRn is set the write access to the corresponding
mailbox is denied. If a mailbox is configured as receive the corresponding bit in TRR cannot be set by
MCU.
Note:
When TRSn is set, after setting TRRn to “1”:
•
A transmission request of a message, which is not currently in process, will be cleared immediately
(TRSn
→ 0, TRRn → 0, AAn → 1).
•
A transmission request of a message which is currently processed will be cleared in case of a lost
arbitration or an error condition on the CAN bus
(TRSn
→ 0, TRR → 0, AAn → 1).
•
A transmission request of a message which is currently processed will not be cleared if there is no
lost arbitration and no error condition on the CAN bus
(TRSn
→ 0, TRRn → 0, TAn → 1).
Transmission Acknowledge Register (TA)
Bit
15
14
0
Name
TA
Bit
Name
Function
Reset
Value
Mode
15
Wired to zero
0R
14:0
TA
If the message of mailbox “n” has been transmitted successfully, the
bit “n” of this register will be set and a transmission successful
interrupt is generated, if it is enabled.
The bits in TA will be reset by writing a “1” from the MCU to TA or
TRS. Writing a “0” has no effect. After power-up, all bits are cleared.
0
R/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com