Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-9
Abort Acknowledge Register (AA)
Bit
15
14
0
Name
AA
Bit
Name
Function
Reset
Value
Mode
15
Wired to zero
0R
14:0
AA
If the transmission of the message in mailbox “n” has been aborted,
the bit “n” of this register will be set and a transmission abort
interrupt is generated, if it is enabled.
The bits in AA will be reset by writing a “1” from the MCU to AA or
TRS. Writing a “0” has no effect. After power-up, all bits are cleared.
0
R/C
Change Data Request (CDR)
Bit
15
14
0
Name
CDR
Bit
Name
Function
Reset
Value
Mode
15
Wired to zero
0R
14:0
CDR
If the CDR bit of a transmit mailbox is set, a transmission request for
this mailbox will be ignored. That means, that a mailbox with TRS
and CDR set will not be considered in the internal arbitration-run:
the mailbox is locked for transmission. The processing of this
mailbox in the arbitration-run will be considered again after clearing
the CDR bit. After power-up, all bits are cleared.
0
R/W
CDR is useful for dealing with remote frames. It is intended for updating the data field of a transmit
mailbox, which is configured for automatic reply to remote frames (RFH bit set). By using the CDR bit,
the user can update the data field without a need of taking additional care of the data consistency.
See also section “7.5 Handling of Message-Objects”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com