Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 133 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 133 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-12
7.2.5
Remote Frame Handling
If a remote frame has been received, the internal FSM will compare the identifier to all identifiers of
the mailboxes. The comparison of the identifiers depends on the value of the bit global/local acceptance
mask enable (GAME/LAME) stored in the mailbox and the data held in the global/local acceptance
mask (GAM/LAM).
If there is a matching identifier and the RFH bit in this mailbox is set and this mailbox is configured
as transmit, this message object will be marked as “to be sent” (TRS will be set).
If there is a matching identifier and the mailbox is configured as receive, this message will be
handled like a data frame and the corresponding bit in RMP and RFP will be set.
After finding a matching identifier, no further compare will be done.
Remote Frame Pending Register (RFP)
Bit
15
0
Name
RFP
Bit
Name
Function
Reset
Value
Mode
15:0
RFP
If a remote frame is received in a mailbox configured as receive
mailbox, the corresponding bits in RFPn and RMPn are set. The bits
in RFP can be cleared by writing a “1” to the corresponding bit
position in RMP. Writing a “0” has no effect. If a remote frame in the
mailbox is overwritten by a data frame, the corresponding bit in RFP
is cleared. After power-up, all bits are cleared.
0
R/W
See also section “7.5 Handling of Message-Objects”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com