Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-11
Receive Message Pending Register (RMP)
Bit
15
0
Name
RMP
Bit
Name
Function
Reset
Value
Mode
15:0
RMP
If mailbox “n” contains a received message, bit RMPn of this register
will be set. These bits can only be reset by the MCU, and set by the
internal logic. A new incoming message will overwrite the stored
one. In this case, the corresponding status bit RMLn will be set
before overwriting begins. The bits in RMP and RML can be cleared
by a write access to the register RMP with a “1” at the
corresponding bit location. After power-up, all bits are cleared.
0
R/C
Receive Message Lost Register (RML)
Bit
15
0
Name
RML
Bit
Name
Function
Reset
Value
Mode
15:0
RML
If there is an overload condition for mailbox “n”, bit RMLn of this
register will be set. These bits can only be reset by the MCU, and
set by the internal logic. The bits can be cleared by a write access to
the register RMP with a “1” at the corresponding bit location. After
power-up, all bits are cleared.
0
R/C
See also section “7.5 Handling of Message-Objects”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com