Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 128 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-7
7.2.3
Message Transmission
The transmission control consists of two registers. One register for setting (TRS) and one for
resetting (TRR) the transmission request. In this manner it is possible to clear the transmission request
without generating a conflict in the handling of the transmit mailboxes in the state-machine. This
mechanism also prevents the clearing of the transmission request of a mailbox which transmission is
already in progress.
The data to be transmitted will be stored in a mailbox configured as transmit mailbox (MDn = 0).
After writing the data and the identifier into the mailbox RAM, the message will be sent if the
corresponding TRS bit has been set and the mailbox is enabled (MCn = 1).
If there is more than one mailbox configured as transmission mailbox and more than one
corresponding TRS bit is set, then the messages will be sent in the selected order. The order of
transmission can be selected in the Master Control Register (MCR).
If MTOS is set to “0”, the mailbox with the lower number has the higher priority. For example: if the
mailboxes MB0, MB2 and MB5 are configured for transmission and the corresponding TRS bits are set,
then the messages will be transmitted in the following order: MB0, MB2 and MB5. If a new
transmission request is set for MB0 during the processing of MB2 then in the next internal arbitration-
run MB0 will be selected for the next transmission. This will also happen, when the TXCAN loses
arbitration while transmitting MB2. In this case, MB0 will be sent at the next opportunity instead of
MB2.
If MTOS is set to “1”, the priority of the identifier stored in the mailbox will determine the sending
order. The mailbox with the higher priority identifier will be sent first.
In case of a lost arbitration on the CAN bus line a new internal arbitration run will be started and the
message with the highest priority will be sent at the next possible time.
Transmission Request Set Register (TRS)
Bit
15
14
0
Name
TRS
Bit
Name
Function
Reset
Value
Mode
15
Wired to zero
0R
14:0
TRS
Setting TRSn causes the particular message “n” to be transmitted.
Several bits can be set simultaneously. The messages will be sent
one after the other in the selected transmission order. The
transmission order can be selected by the MTOS bit in the Master
Control Register (MCR).
The bits in TRS will be set by writing “1” at the corresponding bit
position from the MCU. Writing a “0” has no effect. After power-up,
all bits are cleared.
0
R/S
The TRS bits can only be set by the MCU and will be reset by internal logic in case of a successful
transmission or an aborted transmission (if requested by setting the corresponding TRR bit) or a
hard/software reset. Bit 15 is not implemented because the mailbox 15 is the receive-only mailbox. If a
mailbox is configured as receive the corresponding bit in TRS can not be set by MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com