Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 125 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 125 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-4
7.2.1
Mailbox Structure
The following picture shows the structure of the mailbox RAM:
ID0
ID1
ID2
ID3
TSV1
TSV0
MCF
D0
D1
D2
D3
D7
D6
D5
D4
0
7
8
15
16
24 23
31
ID0
ID1
ID2
ID3
TSV1
TSV0
MCF
D0
D1
D2
D3
D7
D6
D5
D4
Address
0x000
0x004
0x008
0x00C
0x0F0
0x0F4
0x0F8
0x0FC
Mailbox 0
Mailbox 15
Byte 0
Byte 1
Byte 2
Byte 3
Halfword 0
Halfword 1
Word
Figure 7.2.1 Mailbox RAM Structure
Each mailbox consists of 16 bytes. The first 4 bytes ID0 to ID3 contain the identifier. Byte 4 (MCF)
contains the message control field and byte 5 is unused. Byte 6 and 7 are reserved for the time stamp
value TSV of an implemented free running counter that indicates when a message was received or
transmitted. The data field consists of the bytes D0 to D7.
One mailbox includes the following data:
•
29 bit identifier, 11 bit base ID and 18 bit extended ID (ID0-ID3)
•
identifier extension bit (IDE) (ID3, bit 7)
•
global (local) acceptance mask enable bit GAME (LAME) (ID3, bit 6)
•
remote frame handling bit RFH (ID3, bit 5)
•
remote transmission request bit (RTR) (MCF, bit 4)
•
data length code (DLC) (MCF, bit 0-3)
•
up to eight bytes for the data field (D0-D7)
•
two bytes for the time stamp value (TSV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com