Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 138 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 138 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 142Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-17
The length of a bit is determined by the parameters TSEG1, TSEG2 and BRP. All controllers on the
CAN bus must have the same baud rate and bit length. At different clock frequencies of the individual
controllers, the baud rate has to be adjusted by the mentioned parameters. In the bit timing logic, the
conversion of the parameters to the required bit timing is realized. The configuration registers (BCR1,
BCR2) contain the data about the bit timing. Its definition corresponds to the CAN specification 2 (like
Intel 82527). The register content is zero after a reset.
Nominal Bit Time
SJW
TSEG2
TSEG1
SJW
SYNCSEG
Transmit Point
Sample Point
Figure 7.2.4 Required Timing Parameters for CAN Transmission
The length of TSCL (CAN Bus System Clock) is defined by:
OSC
SCL
f
1
BRP
T
+
=
Q
SCL
T
1
T
1
∗
=
∗
(TQ = time quantum)
fOSC is the TXCAN clock frequency (input clock of the TXCAN module). This clock is the output of
a prescaler with a divider ratio from 2 up to 8. This ratio can be set in the Chip Configuration Register
(CCR). The default setting is 3.
The synchronization segment SYNCSEG has always the length of one TSCL.
The baud rate is defined by:
SCL
T
)
1
)
1
2
TSEG
(
)
1
1
TSEG
((
1
BR
∗
+
+
+
+
=
IPT (information processing time) is the time segment starting with the sample point reserved for
processing of the sampled bit level. The information processing time is equal to 3 TXCAN system clock
cycles.
The parameter SJW (2 bits) indicates, by how many units of TQ a bit is allowed to be lengthened or
shortened when re-synchronizing. Values between “1” (SJW = 00b) and “4” (SJW = 11b) are adjustable.
The bus line is sampled and a synchronization is performed at each falling edge of the bus signal within
a bit grid.
With the corresponding bit timing, it is possible to reach a multiple sampling of the bus line at the
sample point by setting SAM. The level determined by the CAN bus then corresponds to the result from
the majority decision of the last three values. The sample points are at the rising edges of the external
SamPoint signal and twice before with a distance of one TXCAN system clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com