Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 139 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 139 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 143Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-18
This leads to the following restrictions:
Restrictions for TSEG2
BRP
TQ Length
(TXCAN clock cycles)
IPT Length
(TXCAN clock cycles)
TSEG2 Minimum Length
(in TQ)
01
3
3
12
3
2
>1
BRP+1
3
2
Restrictions for TSEG1
The length of TSEG1 should be equal or greater than the length of TSEG2:
TSEG1
≥ TSEG2
Restrictions for SJW
The maximum length of the synchronization jump width is equal to the length of TSEG2:
SJW
≥ TSEG2
Restrictions for SAM
The three-time sampling is not allowed for BRP<4. For BRP<4 always a one-time sampling will
be performed regardless of the value of SAM.
Example:
A transmission rate of 1 MBit/s will be adjusted, i.e. a bit has a length of 1 µs. The clock
frequency fOSC is 10 MHz. The baud rate prescaler is set to “0”. That means a bit for this data
transmission rate has to be programmed with a length of 10*TQ. According to the above formula,
the values to be set are always by one smaller than the calculated values.
E.g. BRP = 1 (BRP_reg = 0);
TSEG1 = 5 (TSEG1_reg = 4), TSEG2 = 4 (TSEG2_reg = 3).
With this setting a threefold sampling of the bus is not possible (BRP<4), thus SAM = 0 should
be set. SJW is not allowed to be greater than TSEG2, so the maximum value could be set to 4 units
(SJW = 3).
7.2.8
Time Stamp Feature
There is a free-running 16-bit timer implemented in the module to get an indication of the time of
reception or transmission of messages. The content of the timer is written into the time stamp register of
the corresponding mailbox (TSV) when a received message has been stored or a message has been
transmitted.
The counter is driven from the bit clock of the CAN bus line. When the TXCAN is in configuration
mode or in sleep mode, the timer will be stopped. After power-up reset the free running counter can be
cleared by writing a value to the time stamp counter prescaler. The counter can be written and read by
the MCU in configuration mode and in normal operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com