Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 148 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 148 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 152Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-27
7.4.3
Suspend Mode
The suspend mode will be requested by writing a “1” to SUR (MCR register). When the module
enters the suspend mode the status bit SUA (GSR register) will be set to “1”. If the CAN bus line is not
idle, the current transmission/reception of the message will be finished before the suspend mode will be
activated.
In suspend mode the TXCAN is not active on the CAN bus line. That means error flags and
acknowledge flags will not be sent. The error counters and the error passive flag will not be cleared in
the suspend mode.
If the suspend mode is requested during the bus off recovery sequence, the module stops after the bus
off recovery sequence was finished. The module remains inactive until suspend mode request SUR is
deactivated. The suspend mode acknowledge flag is not activated, although the SUR bit is “1” and the
module is inactive. To restart the module, the SUR bit has to be programmed to “0”. After leaving the
bus off state or the inactive state, the module will restart its power-up sequence.
TXCAN leaves the suspend mode by writing a “0” to SUR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com