Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 164Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 165Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-10
system clock.
When writing to the SESS register while the shift buffer contains a message, which is waiting to be
transferred, this message will be sent immediately, since the counter is cleared to “0”.
The slave select space can be calculated using the following formula:
Pre-transfer time:
SYS
SSC_PRE
f
SESS
t
+
=
2
(range: 33.33 ns up to 4.28
µs at 60 MHz system clock)
Post-transfer time:
SYS
SSC_POST
f
SESS
t
+
=
3
(range: 50 ns up to 4.3
µs at 60 MHz system clock)
The Slave Select Space Timer can be disabled by setting this register to “0”. The minimum time between
setting the slave select signal and starting the transfer is 2 system clock cycles and the minimum time
between the transfer end and deactivating the slave select signal is 3 system clock cycles. This is the case
when SESS is set to “0”.
The minimum time between two consecutive transfers is the sum of the minimum values of tSCC_PRE, tIFS
and tSCC_POST: this is 6 system clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com