Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 218 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 218 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 214Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 217Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 218Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 219Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 220Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 221Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 222Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 225 page
background image
Chapter 12 Package
Preliminary
12-5
12.2 Pin Functions
Classification
Pin Name
Pin Function
A[26:2]
Address signal output pins.
The A26 pin has a special functionality. The level supplied to this
pin is latched with the rising edge of the RESET* signal. The level
determines whether to boot from a device with 16-bit or 32-bit
width. Supplying “high” lets the TMPR3916F boot from a 16-bit
device.
BE[3:0]*
Byte Enable output pins
The byte enable signals are used to select the bytes within the
word, which are accessed by the current write or read access.
The following list shows the relationship between byte enable
signals and the valid bytes on the data bus.
BE*[0] low => D[7:0] valid
BE*[1] low => D[15:8] valid
BE*[2] low => D[23:16] valid
BE*[3] low => D[31:24] valid
D[31:0]
Data input/output pins
RD*
The RD* signal is asserted during a read access to the external
bus interface.
WR*
The WR* signal is asserted during a write access to the external
bus interface.
LAST*
The LAST* signal is asserted if the final data of the current bus
operation is read or written.
BSTART*
The BSTART* signal is asserted for one cycle at the beginning of
an external bus interface access.
BURST*
The BURST* signal indicates that the current access is a burst
access.
BUSERR*
Bus Error input pin.
If an error occurs during the current transaction the external device
has the opportunity to signal this event to the TMPR3916F by
asserting the BUSERR* signal. Thereupon the TMPR3916F will
finish the access and will create a bus-error exception.
ACK*
Acknowledge signal input pin.
During a read access the external device acknowledges data-
transfers of a transaction by asserting the ACK* signal. The data
on the external bus interface will be sampled on the rising edge of
system clock.
During a write access the external device signals the TMPR3916F
that the data was captured by asserting the ACK* signal. The
TMPR3916F will complete the transaction.
CORE
RESET*
If a low level is applied to the RESET* signal the chip will go into
the reset state.
XTAL1
Input pin for the crystal.
XTAL2
Feedback output pin for the crystal.
SYSCLK
Output of system clock, which is the reference clock for bus
operation.
PLLOFF*
Master clock switching pin.
Inputting a “High” signal to this pin uses the built-in PLL circuit as
the master clock. Master clock frequency is eight times the external
clock. Inputting a low signal to this pin halts the built-in PLL circuit
oscillation and uses the external clock as master clock.
Clock Generator
CLKEN
The clock enable pin enables supply of crystal input to internal
PLL. This signal is high active.
CS1*
Chip select 1* signal for the external SDRAM device.
CS0*
Chip select 0* signal for the external SDRAM device.
RAS*
CAS*
WE*
The three signals row access strobe (RAS*), column access strobe
(CAS*) and write enable (WE*) are used to supply the SDRAM
with commands.
SDRAM
CKE
The clock enable pin is an output to SDRAM used for power saving
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com