Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 219 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 219 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 217Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 218Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 219Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 220Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 221Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 222Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 223Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 225 page
background image
Chapter 12 Package
Preliminary
12-6
Classification
Pin Name
Pin Function
CS5*
The chip select signal 5 will be asserted if an access to the
address range specified in the RCCR5 register will take place.
CS4*
The chip select signal 4 will be asserted if an access to the
address range specified in the RCCR4 register will take place.
CS3*
The chip select signal 3 will be asserted if an access to the
address range specified in the RCCR3 register will take place.
MC
CS2*
The chip select signal 2 will be asserted if an access to the
address range specified in the RCCR2 register will take place.
HSYNC*
Horizontal sync signal input/output pin.
VSYNC*/CSYNC*
Vertical sync signal input/output pin or the composite sync signal
output pin.
The composite sync signal is the logic EX-NOR (exclusive nor)
operation on signals HSYNC* and VSYNC*
HDISP
While the viewable area of the current line is output by the GDC
the HDISP is set to logic one. Data can be read with one cycle
latency to this signal.
DOTCLK
Dot clock input/output pin. The dot clock is the reference clock for
the display. This clock is either input to or output by the
TMPR3916F.
PIO15/Digital R Out[5]
PIO14/Digital R Out[4]
PIO13/Digital R Out[3]
PIO12/Digital R Out[2]
PIO11/Digital R Out[1]
The general purpose input/output signals PIO11 to PIO15 (5bit)
can be switched in that way that the red intensity of the current
pixel is output. PIO15/Digital R Out[5] is the MSB.
PIO10/Digital G Out[5]
PIO9/Digital G Out[4]
PIO8/Digital G Out[3]
PIO7/Digital G Out[2]
PIO6/Digital G Out[1]
The general purpose input/output signals PIO6 to PIO10 (5 bit) can
be switched in that way that the green intensity of the current pixel
is output. PIO10/Digital G Out[5] is the MSB.
PIO5/Digital B Out[5]
PIO4/Digital B Out[4]
PIO3/Digital B Out[3]
PIO2/Digital B Out[2]
PIO1/Digital B Out[1]
PIO0/Digital B Out[0]
The general purpose input/output signals PIO0 to PIO5 (6 bit) can
be switched in that way that the blue intensity of the current pixel is
output. PIO5/Digital B Out[5] is the MSB.
ROUT
GOUT
BOUT
Output pins for the three primary color video (analog) signals used
as color source for display.
ROUT is the red video signal output pin, GOUT the green and
BOUT the blue. All these signal are analog signals output by the
VIEWDAC.
VBS
This terminal is used for noise rejection of DAC’s current
adjustment bias. It is recommended to connect a capacitance of
0.1*F to the ground.
VREF
External voltage reference-bias input for the digital-to-analog
converter.
GDC
FSADJ
Current-mirror output. This pin is used to set the current level in the
DAC outputs via an internal current-mirror. This pin is usually
connected to ground via a 745 Ohm resistor.
DREQ0
External DMA request signal.
DMAC
DACK0
DMA acknowledge signal output pin.
TX(CAN1)
Transmit pin of CAN channel 1
RX(CAN1)
Receive pin of CAN channel 1
TX(CAN0)
Transmit pin of CAN channel 0
TXCAN
RX(CAN0)
Receive pin of CAN channel 0
PIO18/TX(SEI)/TX(SIO0)
In master mode this pin is the data output of the SEI interface. In
slave mode this is the data input pin of the SEI interface.
PIO17/RX(SEI)/RX(SIO0)
In master mode this pin is the data input pin of the TXSEI device.
In slave mode this pin is the data output.
TXSEI
PIO16/CLK(SEI)/CLK(SIO)
In master mode the clock is output during transmission from the
TXSEI module. In slave mode the clock is received from the device
the TMPR3916F is communicating with.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com