Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 552 page
background image
Chapter 7 External Bus Controller
7-5
7.3.3
Address Mapping
Each of the eight channels can use the Base Address field (EBCCRn.BA[35:20]) and the Channel
Size field (EBCCRn.CS[3:0]) of the External Bus Channel Control Register to map to any physical
address.
A channel is selected when the following equation becomes True.
paddr[35:20] & !Mask[35:20] == BA[35:20] & !Mask[35:20]
In the above equation, paddr represents the accessed physical address, Mask[35:20] represents the
address mask value selected from Table 7.3.2 from the Channel Size field value, the ampersand (&)
represents the AND operation, and the exclamation mark (!) represents the Logical NOT for each bit.
Operation is indeterminate when either multiple channels are selected simultaneously, or a channel is
selected simultaneously with the SDRAM Controller or PCI Controller.
Table 7.3.2 Address Mask
CS[3:0]
Channel Size
Address Mask[35:20]
0000
1 MB
0000_0000_0000_0000
0001
2 MB
0000_0000_0000_0001
0010
4 MB
0000_0000_0000_0011
0011
8 MB
0000_0000_0000_0111
0100
16 MB
0000_0000_0000_1111
0101
32 MB
0000_0000_0001_1111
0110
64 MB
0000_0000_0011_1111
0111
128 MB
0000_0000_0111_1111
1000
256 MB
0000_0000_1111_1111
1001
512 MB
0000_0001_1111_1111
1010
1 GB
0000_0011_1111_1111
1011
Reserved
Reserved
1100
Reserved
Reserved
1101
Reserved
Reserved
1110
Reserved
Reserved
1111
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com