Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 161Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 162Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 163Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 164Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 165Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 166Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 167Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 168Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 552 page
background image
Chapter 8 DMA Controller
8-9
8.3.5
Memory-Memory Copy Mode
It is possible to copy memory from any particular address to any other particular address when in the
Memory-Memory Copy mode.
Set the DMA Channel Control Register (DMCCRn) as follows.
•
DMCCRn.EXTRQ
= 0: Memory Transfer mode
•
DMCCRn.SNGAD
= 0: Dual Address mode
Furthermore, when in the Memory-Memory Copy mode it is possible to set the interval for requesting
ownership of each bus using the Internal Request Delay field (INTRQD) of the DMA Channel Control
Register (DMCCRn).
Refer to “8.3.8 Dual Address Transfer” for information regarding the setting of other registers.
8.3.6
Memory Fill Transfer Mode
When in the Memory Fill Transfer mode, double word data set in the DMA Memory Fill Data
Register (DMMFDR) is written to the data region specified by the DMA Source Address Register
(DMSARn). This data can be used for initializing the memory, etc.
Set the DMA Channel Control Register (DMCCRn) as follows.
•
DMCCRn.EXTRQ = 0: Memory transfer mode
•
DMCCRn.SNGAD
= 1: Single Address Transfer
•
DMCCRn.MEMIO = 0: Transfer from I/O to memory
In addition, when in the Memory Fill Transfer mode, it is possible to set the interval for requesting
ownership of each bus using the Internal Request Delay field (INTRQD) of the DMA Channel Control
Register (DMCCRn).
Refer to “8.3.7 Single Address Transfer” for information regarding the setting of other registers.
By using this function together with the memory Write function that writes to multiple SDRAM
Controller memory channels simultaneously (refer to Section 9.3.4), it is possible to initialize memory
even more efficiently.
8.3.7
Single Address Transfer
This section explains register settings during Single Address transfer (DMCCRn.SNGAD = 1). This
applies to the following DMA Transfer modes.
•
External I/O (Single Address) Transfer
•
Memory Fill Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com