Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 552 page
background image
Chapter 8 DMA Controller
8-20
7.
Initiate DMA transfer
Setting the address of the DMA Command Descriptor at the beginning of the chain list in the DMA
Chain Address Register (DMCHARn) automatically initiates DMA transfer. First, the value stored
in each field of the DMA Command descriptor at the beginning of the Chain List is read to each
corresponding DMA Channel register (Chain transfer), then DMA transfer is performed according
to the read value.
When a value other than “0” is stored in the DMA Chain Address Register (DMCHARn), data of
the size stored in the DMA Count Register (DMCNTRn) is completely transferred, then the DMA
Command Descriptor value of the memory address specified by the DMA Chain Address Register
is read.
In addition, if the Chain Address field value read the Descriptor 0, the DMA Chain Address
Register value is not updated. All previous values (Data Command Descriptor Addresses with the
value “0” in the Chain Address field when the values were read) are held.
0 Value judgement is performed when the lower 32 bits of the DMA Chain Address Register are
rewritten. If the value is not “0” at this time, DMA transfer is automatically initiated. Therefore,
please write to the upper 32 bits first when writing to the DMA Chain Address Register using 32-
bit Store instructions.
8.
Signal completion
Set the Normal Chain End bit (NCHNC) of the DMA Channel Status Register (DMCSRn) when
DMA data transfer of all Descriptor Chains is complete. An interrupt is signalled if the Chain End
Interrupt Enable bit (INTENC) of the DMA Channel Control Register (DMCCRn) is set at this
time.
In addition, the Normal Transfer End bit (NTRNFC) of the DMA Channel Status Register
(DMCSRn) is set each time DMA data transfer specified by each DMA Command Descriptor ends
normally. An interrupt is signalled if the Transfer End Interrupt Enable bit (INTENT) of the DMA
Channel Control Register (DMCCRn) is set at this time.
If an error is detected during DMA transfer, the error cause is recorded in the lower four bits of the
DMA Channel Status register and transfer is interrupted. An interrupt is signalled if the Error
Interrupt Enable bit (INTENE) of the DMA Channel Control Register is set.
8.3.11 Dynamic Chain Operation
It is possible to add DMA Command Descriptor chains to the DMA Command Descriptor chain
while Chain DMA transfer is in progress. This is performed according to the following procedure.
1.
Construct the DMA Command Descriptor chain
Construct the DMA Command Descriptor chain to be added to memory.
2.
Add a DMA Command Descriptor chain
Substitute the address of the Command Descriptor at the beginning of the Descriptor Chain to be
added into the Chain Address field of the Descriptor at the end of the DMA Command Descriptor
chain that is currently performing DMA transfer.
3.
Check the Chain Enable bit
Read the value of the Chain Enable bit (CHNEN) of the DMA Channel Control Register
(DMCCRn). If that value is “0”, then write the Chain Address field value of the DMA Command
Descriptor that is indicated by the address stored in the DMA Chain Address Register
(DMCHARn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com