Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 184 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 184 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 188Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 552 page
background image
Chapter 8 DMA Controller
8-28
Bit
Mnemonic
Field Name
Description
Read/Write
26
DBINH
Destination Burst
Inhibit
Destination Burst Inhibit (Default: 0)
During Dual Address transfer, this bit sets whether to perform Burst
transfer or Single transfer on a Write cycle to the address set from FIFO to
DMDARn when Burst transfer is set by DMCCRn.XFSZ. Refer to “8.3.8.2
Burst Transfer During Dual Address Transfer” for more information.
The settings of this bit have no effect during Single Address transfers.
1: Multiple Single transfers are executed.
0: Burst transfer is executed.
R/W
25
SBINH
Source Burst
Inhibit
Source Burst Inhibit (Default: 0)
During Dual Address transfer, this bit sets whether to perform Burst
transfer or Single transfer on a Read cycle to the FIFO from the address
set to DMSARn when Burst transfer is set by DMCCRn.XFSZ. Refer to
“8.3.8.2 Burst Transfer During Dual Address Transfer” for more
information.
The settings of this bit have no effect during Single Address transfers.
1: Multiple Single transfers are executed.
0: Burst transfer is executed.
R/W
24
CHRST
Channel Reset
Channel Reset (Default: 1)
This bit is used fo initializing channels. The DMCCRn.XFACT,
DMCCRn.CHNEN, and DMCSRn bits are all cleared. In addition, all
channel logic and interrupts from channels are cleared and bus ownership
requests to the DMA Channel Arbiter are also reset. The software must
clear this bit before operating a channel.
1: Reset channel
0: Enable channel
R/W
23
REVBYTE
Reverse Byte
Reverse Bytes (Default: 0)
This bit specifies whether to reverse the byte order during a Dual Address
transfer when the Transfer Setting Size field (DMCCRn.XFSZ) setting is 8
bytes or more. Refer to “8.3.8.3 Double Word Byte Swapping” for more
information.
1: Reverses the byte order.
0: Does not reverse the byte order.
R/W
22
ACKPOL
Acknowledge
Polarity
Acknowledge Polarity (Default: 0)
Specifies the polarity of the DMAACK[n] signal.
1: Asserts when the DMAACK[n] signal is High
0: Asserts when the DMAACK[n] signal is Low
R/W
21
REQPL
Request Polarity
Request Polarity (Default: 0)
Specifies the polarity of the DMAREQ[n] signal.
1: Asserts when the DMAREQ[n] signal is High.
0: Asserts when the DMAREQ[n] signal is Low.
R/W
20
EGREQ
Edge Request
Edge Request (Default: 0)
Specifies the method for detecting DMA requests by the DMAREQ[n]
signal.
1: DMAREQ[n] signal is Edge Detect.
0: DMAREQ[n] signal is Level Detect.
R/W
19
CHDN
Chain Complete
Chain Done (Default: 0)
Selects control by the DMADONE* signal. See “8.3.3.4 DMA Controller”
for more information.
1: Assertion of the DMADONE* signal controls the overall Chain DMA
transfer.
0: Assertion of the DMADONE* signal controls DMA transfer according to
the DMA Channel Register setting at that time.
R/W
18:17
DNCTL
DONE Control
Done Control (Default: 00)
Specifies the input/output mode of the DMADONE* signal. Refer to
“8.3.3.4 DMADONE* Signal” for more information.
00: DMADONE* signal becomes the input signal, but input is ignored.
01: DMADONE* signal becomes the input signal.
10: DMADONE* signal becomes the output signal.
11: DMADONE* signal becomes the open drain input/output signal.
R/W
Figure 8.4.2 DMA Channel Control Register (2/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com