Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 189 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 189 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 193Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 552 page
background image
Chapter 8 DMA Controller
8-33
8.4.4
DMA Source Address Register (DM0SARn, DM1SARn)
Offset Address: DMAC0 0xB008 (ch. 0) / 0xB048 (ch. 1) / 0xB088 (ch. 2) / 0xB0C8 (ch. 3)
DMAC1 0xB808 (ch. 0) / 0xB848 (ch. 1) / 0xB888 (ch. 2) / 0xB8C8 (ch. 3)
63
48
Reserved
: Type
: Initial value
47
36
35
32
Reserved
SADDR[35:32]
R/W
: Type
⎯
: Initial value
31
16
SADDR[31:16]
R/W
: Type
⎯
: Initial value
15
0
SADDR[15:0]
R/W
: Type
⎯
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
63:36
⎯
Reserved
⎯
35:0
SADDR
Source Address
Source Address (Default: Undefined)
This field sets the physical address of the transfer source during Dual
Address transfer. This field sets the physical address of memory access
during Single Address transfer. This field is used for either Memory-to-I/O
or I/O-to-Memory transfers.
Refer to “8.3.7.1 Channel Register Settings During Single Address
Transfer” and “8.3.8.1 Channel Register Settings During Dual Address
Transfer” for more information.
During Burst transfer, the value changes once for each bus operation only
by the size that was transferred. During Single transfer, the value only
changes by the value specified by the DMA Source Address Increment
Register (DMSAIRn).
R/W
Figure 8.4.4 DMA Source Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com