Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 241 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 241 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 243Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 245Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 552 page
background image
Chapter 9 SDRAM Controller
9-25
9.4.5
ECC Status Register (ECCSR)
0xA008
63
48
ERRAD
R
:Type
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
:Initial value
47
32
ERRAD
R
:Type
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
:Initial value
31
28
27
26
24
23
22
21
20
16
ERRAD
Reserved
ERRMODE
Reserved
ERRMW
Reserved
R
R
R
:Type
—
—
—
—
—
—
—
—
—
—
:Initial value
15
8
7
2
1
0
ERRS
Reserved
MBERR SBERR
R
R/W
R/W :Type
—
—
—
—
—
—
—
—
0
0
:Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:28
ERRAD
Error Address
Error Address (Default: Unknown)
A 36-bit physical address is set when an error occurs. This address is
retained until either SBERR or MBERR is cleared. This field is Read Only.
R
27
—
—
Reserved
⎯
26:24
ERRMODE
Error ECC/Parity
Mode
Error ECC Mode (Default: Unknown)
The ECC/Parity Mode is set when an error occurs. This address is retained
until either SBERR or MBERR is cleared. This field is Read Only.
R
23:22
—
—
Reserved
⎯
21
ERRMW
Error Memory
Width
Error Memory Width (Default: Unknown)
The memory data width is set when an error occurs. This address is
retained until either SBERR or MBERR is cleared. This field is Read Only.
0: 64 bits
1: 32 bits
R
20:16
—
—
Reserved
⎯
15:8
ERRS
Error Syndrome
Error Syndrome (Default: Unknown)
The error syndrome for when errors occur is set. The syndrome is retained
until either SBERR or MBERR is cleared. This field is Read Only.
R
7:2
—
—
Reserved
⎯
1
MBERR
Multi-Bit Error
Multi-Bit Error (Default: 0)
This bit is set to “1” when a multi-bit error occurs, or when a parity error
occurs while in the Parity Mode. Once a multi-bit error occurs, until this bit
is cleared, no status in the Status Register is updated even if new multi-
/single-bit errors occur.
0: No error
1: Generate error
R/W
0
SBERR
Single-Bit Error
Single-Bit Error (Default: 0)
This bit is set to “1” when a single-bit error occurs. Once a single-bit error
occurs, until this bit is cleared, no status in the Status Register is updated
even if new single-bit error occurs. If a multi-bit error occurs, status is
updated regardless of whether a single-bit error has occurred or not.
0: No error
1: Generate error
R/W
Figure 9.4.5 ECC Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com