Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 304 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 304 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 303Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 304Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 305Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 306Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 307Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 308Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 552 page
background image
Chapter 10 PCI Controller
10-46
10.4.20 P2G Status Register (P2GSTATUS)
0xD094
31
25
24
23
22
21
20
19
18
17
16
Reserved
PMSC PMEES PMECLR M66EN IOBFE IIBFE TOBFE TIBFE Reserved
R/W1C R/W1C R/W1C
R
R
R
R
R
: Type
0x0
0x0
0x0
0x0
0x1
0x1
0x1
0x1
: Initial value
15
0
Reserved
: Type
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:25
Reserved
⎯
24
PMSC
PM State Change
Detected
Power Management State Change (Default: 0x0)
“1” is set to this bit when the PowerState field of the Power Management
Register (PMCSR) is rewritten.
This bit is cleared to “0” when a “1” is written to it. This bit is only valid when
the PCI Controller is in the Satellite mode.
R/W1C
23
PMEES
PME_En Set
Detected
PME_En Set (Default: 0x0)
This bit is set to “1” when the PME_En bit of the PMCSR Register is set to
“1”. When this bit is set, it indicates that the PCI Master (Host) device
enabled PME* signal output.
1: Indicates that the PME_En bit is set.
0: Indicates that the PME_En bit is not set.
This bit is cleared to “0” when a “1” is written to it. This bit is only valid when
the PCI Controller is in the Satellite mode.
R/W1C
22
PMECLR
PME Status Clear
Detected
PME_Status Clear (Default: 0x0)
This bit indicates that the PME_Status bit of the PMCSR Register was
cleared.
1: Indicates that the PME_Status bit was cleared.
0: Indicates that the PME_Status bit was not cleared.
This bit is cleared to “0” when a “1” is written to it. This bit is only valid when
the PCI Controller is in the Satellite mode.
R/W1C
21
M66EN
66 MHz Drive
Status
M66EN Status (Default: 0x0)
This bit indicates the current status of the M66EN signal. This bit can only
be read. Writes to this bit are invalid.
1: The M66EN signal is asserted.
0: The M66EN signal is deasserted.
R
20
IOBFE
Initiator Out-
Bound FIFO
Empty
Initiator Out-Bound FIFO Empty (Default: 0x1)
1: Indicates that the Initiator Out-Bound FIFO is empty.
0: Indicates that the Initiator Out-Bound FIFO is not empty.
This is a diagnostic function.
R
19
IIBFE
Initiator In-Bound
FIFO Empty
Initiator In-Bound FIFO Empty (Default: 0x1)
1: Indicates that the Initiator In-Bound FIFO is empty.
0: Indicates that the Initiator In-Bound FIFO is not empty.
This is a diagnostic function.
R
18
TOBFE
Target Out-Bound
FIFO Empty
Target Out-Bound FIFO Empty (Default: 0x1)
1: Indicates that the Target Out-Bound FIFO is empty.
0: Indicates that the Target Out-Bound FIFO is not empty.
This is a diagnostic function.
R
17
TIBFE
Target In-Bound
FIFO Empty
Target In-Bound FIFO Empty (Default: 0x1)
1: Indicates that the Target In-Bound FIFO is empty.
0: Indicates that the Target In-Bound FIFO is not empty.
This is a diagnostic function.
R
16:0
Reserved
⎯
Figure 10.4.18 P2G Status Reigster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com