Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 312 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 312 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 314Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 316Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 552 page
background image
Chapter 10 PCI Controller
10-54
10.4.27 PCI Bus Arbiter Broken Master Register (PBABM)
0xD110
This register indicates the acknowledged Broken Master. This register sets the bit that corresponds to
the PCI Master device that was acknowledged as the Broken Master when the Broken Master Check
Enable bit (BMCEN) in the PCI Bus Arbiter Configuration Register (PBACFG) is set.
Regardless of the value of the Broken Master Check Enable bit, a PCI Master device is removed from
the arbitration scheme when “1” is written to the corresponding BM bit.
This register must be cleared to “0” since bit mapping changes, making this register value invalid
when the PCI Bus Arbiter Request Port Register (PBAREQPORT) is changed.
This register is only valid when using the on-chip PCI Bus Arbiter.
31
16
Reserved
: Type
: Initial value
15
8
7
6
5
4
3
2
1
0
Reserved
BM_A BM_B BM_C BM_D BM_W BM_X BM_Y BM_Z
R/W
: Type
0x00
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:8
Reserved
⎯
7
BM_A
Broken Master
Broken Master A (Default: 0)
Indicates whether PCI Bus Master A is a Broken Master.
1: PCI Bus Master A was acknowledged as a Broken Master.
0: PCI Bus Master A was not acknowledged as a Broken Master.
R/W
6
BM_B
Broken Master
Broken Master B (Default: 0)
Indicates whether PCI Bus Master B is a Broken Master.
1: PCI Bus Master B was acknowledged as a Broken Master.
0: PCI Bus Master B was not acknowledged as a Broken Master.
R/W
5
BM_C
Broken Master
Broken Master C (Default: 0)
Indicates whether PCI Bus Master C is a Broken Master.
1: PCI Bus Master C was acknowledged as a Broken Master.
0: PCI Bus Master C was not acknowledged as a Broken Master.
R/W
4
BM_D
Broken Master
Broken Master D (Default: 0)
Indicates whether PCI Bus Master D is a Broken Master.
1: PCI Bus Master D was acknowledged as a Broken Master.
0: PCI Bus Master D was not acknowledged as a Broken Master.
R/W
3
BM_W
Broken Master
Broken Master W (Default: 0)
Indicates whether PCI Bus Master W is a Broken Master.
1: PCI Bus Master W was acknowledged as a Broken Master.
0: PCI Bus Master W was not acknowledged as a Broken Master.
R/W
2
BM_X
Broken Master
Broken Master X (Default: 0)
Indicates whether PCI Bus Master X is a Broken Master.
1: PCI Bus Master X was acknowledged as a Broken Master.
0: PCI Bus Master X was not acknowledged as a Broken Master.
R/W
1
BM_Y
Broken Master
Broken Master Y (Default: 0)
Indicates whether PCI Bus Master Y is a Broken Master.
1: PCI Bus Master Y was acknowledged as a Broken Master.
0: PCI Bus Master Y was not acknowledged as a Broken Master.
R/W
0
BM_Z
Broken Master
Broken Master Z (Default: 0)
Indicates whether PCI Bus Master Z is a Broken Master.
1: PCI Bus Master Z was acknowledged as a Broken Master.
0: PCI Bus Master Z was not acknowledged as a Broken Master.
R/W
Figure 10.4.25 PCI Bus Arbiter Broken Master Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com