Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4937 Datasheet(PDF) 317 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 317 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 314Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 316Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 318Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 319Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 320Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 321Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 552 page
background image
Chapter 10 PCI Controller
10-59
10.4.31 G2P Memory Space 0 G-Bus Base Address Register (G2PM0GBASE)
0xD120
63
48
Reserved
: Type
: Initial value
47
38
37
36
35
32
Reserved
BSWAP
EXFER
BA[35:32]
R/W
R/W
R/W
: Type
0x0/0x1 0x1/0x0
0x0
: Initial value
31
16
BA[31:16]
R/W
: Type
0x0000
: Initial value
15
8
7
0
BA[15:8]
Reserved
R/W
R
: Type
0x00
0x00
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:38
Reserved
⎯
37
BSWAP
Byte Swap
Byte Swap Disable
(Default: Little Endian Mode: 0x1; Big Endian Mode: 0x0) Sets the byte
swapping of Memory Space 0.
1: Do not perform byte swapping.
0: Perform byte swapping.
Please use the default state in most situations. If this bit is changed to “1”
when in the Big Endian Mode, the byte order of transfer to Memory Space
0 through DWORD (32-bit) access will not change.
R/W
36
EXFER
Endian Transfer
Endian Transfer
(Default: Little Endian Mode: 0x0; Big Endian Mode: 0x1)
Sets the Endian Transfer of Memory Space 0.
1: Performs Endian Transfer.
0: Does not perform Endian Transfer.
Please use the default state.
R/W
35:8
BA[35:8]
Base Address
Base Address (Default: 0x0_0000_00)
Sets the G-Bus base bus address of Memory Space 0 for initiator access.
Can set the base address in 256-byte units.
R/W
7:0
Reserved
R
Figure 10.4.29 G2P Memory Space 0 G-Bus Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com