Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRR03EZPFX Datasheet(PDF) 4 Page - Rohm

Part # TRR03EZPFX
Description  Sulfur Tolerant Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TRR03EZPFX Datasheet(HTML) 4 Page - Rohm

  TRR03EZPFX Datasheet HTML 1Page - Rohm TRR03EZPFX Datasheet HTML 2Page - Rohm TRR03EZPFX Datasheet HTML 3Page - Rohm TRR03EZPFX Datasheet HTML 4Page - Rohm TRR03EZPFX Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TRR03
Resistors
4/4
Part No. Explanation
Packaging Specifications Code
R
TR 0
P
EZ
J
EZP
TRR03
5,000
Resistance tolerance
Part No.
Nominal resistance
3
φ180mm (7inch)
Paper tape (4mm Pitch)
F
±1%
J
F
J
:
:
4 digits
3 digits
±5%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper
Part No.
Resistance tolerance
J(
±5%)
Code
FX(
±1%)
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com