Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRR03EZPFX Datasheet(PDF) 1 Page - Rohm

Part # TRR03EZPFX
Description  Sulfur Tolerant Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TRR03EZPFX Datasheet(HTML) 1 Page - Rohm

  TRR03EZPFX Datasheet HTML 1Page - Rohm TRR03EZPFX Datasheet HTML 2Page - Rohm TRR03EZPFX Datasheet HTML 3Page - Rohm TRR03EZPFX Datasheet HTML 4Page - Rohm TRR03EZPFX Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TRR03
Resistors
1/4
Sulfur Tolerant Chip Resistors
TRR03 (0603 size
)
Features
1) Unique protect materials prevent from silver sulfide occurrence under sulfur enviromnet.
2) Highly recommended for automotive, industrial and Power supply applications under sulfur environment.
3) Realize the good cost performance not like the Au terminal components from other suppliers.
4) ROHM resistors have approved ISO9001 / ISO/TS 16949 certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the
product before using or ordering it.
Ratings
0.10W (1 / 10W)
−55°C to +155°C
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
50V
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V) P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Fig.1
Max. 50m
Ω
1A
−55°C to +155°C
Jumper type
Resistance
Rated current
Operating temperature
F (
±1%)
J (
±5%)
10
≤ R ≤ 10M (E24,96)
(E24)
(E24)
±100
±400
1.0
≤ R ≤ 9.1
±200
10
≤ R ≤ 10M
Table 1
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm/
°C)
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level loads), be certain to evaluate the
component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that
is greater than its rated voltage.


Similar Part No. - TRR03EZPFX

ManufacturerPart #DatasheetDescription
logo
Rohm
TRR03EZPFF ROHM-TRR03EZPFF Datasheet
100Kb / 5P
Sulfur Tolerant Chip Resistors
TRR03EZPFJ ROHM-TRR03EZPFJ Datasheet
100Kb / 5P
Sulfur Tolerant Chip Resistors
More results

Similar Description - TRR03EZPFX

ManufacturerPart #DatasheetDescription
logo
Rohm
TRR01 ROHM-TRR01 Datasheet
119Kb / 5P
Sulfur Tolerant Chip Resistors
TRR10 ROHM-TRR10 Datasheet
156Kb / 4P
Sulfur Tolerant Chip Resistors
TRR18 ROHM-TRR18 Datasheet
156Kb / 4P
Sulfur Tolerant Chip Resistors
TRR03 ROHM-TRR03_08 Datasheet
100Kb / 5P
Sulfur Tolerant Chip Resistors
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
Sulfur Resistant Thick Film Chip Resistors
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Rohm
SFR ROHM-SFR Datasheet
926Kb / 8P
Sulfur tolerant chip resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com