Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF20102C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF20102C
Description  20A, 100V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20102C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF20102C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20102C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20102C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20102C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20102C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSF20102C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSF20102C
Taiwan Semiconductor
1
Version: A2405
20A, 100V Trench Schottky Rectifier
FEATURES
● Excellent high temperature stability
● Low forward voltage
● Low power loss/ High efficiency
● High forward surge capability
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● DC to DC converters
MECHANICAL DATA
● Case: ITO-220AB
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Mounting torque: 0.56 N⋅m maximum
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 1.73g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
20
A
VRRM
100
V
IFSM
215
A
TJ MAX
150
°C
Package
ITO-220AB
Configuration
Common cathode
ITO-220AB
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Marking code on the device
TSF20102C
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage, total rms value
VR(RMS)
70
V
Forward current
per device
IF
20
A
per diode
10
A
Surge peak forward current, 8.3ms single half sine
wave superimposed on rated load
IFSM
215
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TSF20102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF20122C TSC-TSF20122C Datasheet
289Kb / 6P
20A, 120V Trench Schottky Rectifier
Version: A2405
More results

Similar Description - TSF20102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
logo
Chip Integration Techno...
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
logo
PFC Device Inc.
PT20L100E PFC-PT20L100E Datasheet
654Kb / 6P
20A 100V HPTR Schottky Rectifier
PT20L100N5 PFC-PT20L100N5 Datasheet
817Kb / 5P
20A 100V HPTR Schottky Rectifier
PTR20H100CT PFC-PTR20H100CT Datasheet
778Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
PTR20V100CT PFC-PTR20V100CT Datasheet
775Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com