Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP91CW18A Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP91CW18A
Description  Original CMOS 16-Bit Microcontroller
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW18A Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP91CW18A Datasheet HTML 17Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 18Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 19Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 20Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 21Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 22Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 23Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 24Page - Toshiba Semiconductor TMP91CW18A Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 278 page
background image
TMP91CW18A
2005-08-15
91CW18A-19
(2) Single drive for high-frequency oscillator
(Purpose)
Not need twin-drive and protect mistake-operation by inputted noise to X2 pin when
the external oscillator is used.
(Block diagram)
(Setting method)
When a 1 is written to the EMCCR0<EXTIN>, the oscillator is disabled and is
operated as a buffer. The X2 pin always outputs a 1.
<EXTIN> is initialized to 0 by a reset.
Note: Do not write EMCCR0<EXTIN>
= “1” when using external resonator.
(3) Disabling ALE pin output
(Purpose)
If the CPU does not access any external area, output of the ALE pulse can be
disabled, thereby reduction noise.
(Block diagram)
(Setting method)
Writing 0 to the EMCCR0<ALEEN> register sets the ALE pin to high-impedance.
<ALEEN> is initialized to 0 by a reset.
If the CPU needs to access an external area, 1 must first be written to <ALEEN>.
ALE pin
EMCCR0<ALEEN>
Internal ALE
X1 pin
X2 pin
Enable oscillation
fOSCH
STOP
EMCCR0<DRVOSCH> (STOP+EMCCR0<EXTIN>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com