Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM-2003 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # ARM-2003
Description  Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ARM-2003 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  ARM-2003 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. ARM-2003 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
217
Diversified Electronics
800.727.5646
atcdiversified.com
WIRING
OPERATION
DIMENSIONS (INCHES)
FOUR CONTROL SWITCHING: Do not remove factory-installed jumper
between terminals 2 and 3. The control switches connected to ter-
minals 3 through 6 are labeled OFF (CS2), LEAD (CS3), LAG (CS4)
and ALARM (CS5). Under normal operation the lead load energizes
when the off and lead control switches close in order. The lag load
energizes when the lag closes and the alarm load energizes when
the alarm switch closes. When all four switches reopen in the proper
order all outputs are de-energized and the lead/lag output designa-
tions reverse.
FIVE CONTROL SWITCHING: Remove factory installed jumper
between terminals 2 and 3. After the jumper has been removed, the
additional control switch is connected to terminal 2. The extra switch
functions as an AUXILIARY OFF (CS1) switch. It is used to prevent
loads from running continuously if the primary OFF (CS2) switch
fails to open properly.
FAULT DETECTION ALGORITHM: If any of the control switches open
or close out of order, the alarm output energizes and a fault detec-
tion algorithm is used to identify the faulty switch. The faulty switch
is then ignored and the OFF, LEAD, and LAG control switch designa-
tions are altered to maintain safe operation.
CONTROL DRAWING 190
*Panel Mount Cutout
*Greenlee punch #60071 or equivalent
1. To maintain intrinsic safety, connect the Controller’s Earth Ground Terminal 8 to the earth ground of the AC Power Supply feeder.
The resistance between the Controller’s Earth Ground Terminal and Earth Ground shall be less than 1 ohm.
2. Maximum distance between Controller and switch contact is 1000 feet.
3. All intrinsically safe wiring shall be separated from non-intrinsically safe wiring. Refer to article 504 of the National Electrical Code
ANSI/NFPA 70 on procedures for intrinsically safe wiring.
4. Switch contact shall be any non-energy storing or generating mechanical switch type device containing no capacitance or inductance.
5. Connections to terminals 5, 6, 9, 10, 11, and 12 are optional. If the Aux. Off switch is omitted, terminals 2 & 3 must be jumpered.
Diversified Electronics
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com