Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM-2003 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ARM-2003
Description  Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ARM-2003 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ARM-2003 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. ARM-2003 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
216
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Integrated Duplex Controller
SOSO Operation
(Sequence-on, Simultaneous-off)
INCLUDES
INTRINSICALLY
SAFE INPUTS
Process
Control
Equipment for
Hazardous
Locations
7M26
UL913
CONTROL VOLTAGE 24 or 120 VAC ±10%, 50/60 Hz
CONTROL SWITCH
Open Circuit
5 VDC
Voltage
Short Circuit
0.1mA
Voltage
POWER REQUIRED
4 VA Maximum
DUTY CYCLE
Continuous
RESPONSE
Power Up
3 SEC. ±5%
Inrush Current 5 SEC. ±5%
CONTACT
(3) SPST-N.O. 10 Amp Resistive, 1/4 hp, 55 VA
RATING
Inductive @ 24 VAC, 278 VA Inductive @ 120 VAC
LED INDICATORS
Designation
Color
State
Condition
Level/Alarm
Red
ON
cs5 Closed
Lag
Green
ON
cs4 Closed
Lead
Green
ON
cs3 Closed
Off
Green
ON
cs2 Closed
Aux. Off
Green
ON
cs1 Aux./cs2
Closed
Load 1
Green
ON
Load ON
Load 2
Green
ON
Load ON
Ctrl. Switch
Red
ON
Failure
Open/Closed
LIFE EXPECTANCY
Mechanical
10 Million Operations
Electrical
50,000 @ Rated Load
TEMPERATURE
Operate
-4° to 131°F (-20° to +55°C)
RATING
Storage
-40° to 185°F (-40° to +85°C)
TERMINATIONS
(12) #8-32 Screw Terminals
WEIGHT 16 oz.
SPECIFICATIONS
The ARM Series Alternating Relay is a microprocessor-based
controller designed for use in dual load installations to assure
equal run time on each load. LED indicators show the status of
the unit’s five intrinsically safe control switch inputs, one alarm,
and two load outputs. H-O-A switches, a lead select switch, and a
test/clear button are provided for manual control. The ARM Series
reduces the number of components required for this application
by combining many functions into one unit.
TWO PUMP SEQUENCING: Evenly distributes run time by automati-
cally alternating lead and lag load designations when the off
control switch input opens.
UL913 INTRINSICALLY SAFE: Control switch inputs are low voltage/
low current and are electronically isolated from the control voltage
and load alarm contacts.
H-O-A Switches: Hand-Off-Automatic switches allow for manual
operation.
LEAD SELECT SWITCH: Disables the automatic sequencing function
and allows loads to be locked into the 2-1 or 1-2 sequence.
CONTROL SWITCH FAULT DETECTION: Unit detects open and
shorted control switch failures.
TEST/CLEAR SWITCH: Verifies function and resets the control
switch fault detection algorithm.
ALARM OUTPUT: Alarm contacts close when a control switch
fails or the system’s capacity is exceeded.
INRUSH CURRENT DELAY: Reduces line sags by preventing
both loads from energizing simultaneously.
VERSATILE MOUNTING: Two (2) mounting configurations are
available. The standard surface mount has top access to controls
and indicators and is intended for back panel mounting. The panel
mount option is intended for front panel or door cutout access to
controls and indicators.
ORDERING INFORMATION
MODEL
CONTROL
NUMBER
VOLTAGE
MOUNTING
COMMENTS
ARM-XXX-AFE*
24 or 120 VAC
Surface
Standard
ARM-XXX-AFEP*
24 or 120 VAC
Panel
Standard
ARM-2003
120 VAC
Surface
Special: w/o
H-O-A switches
ARM-2010
120 VAC
Panel
Special: w/o
H-O-A switches
ARM-2011
120 VAC
Surface
Special: w/o
Control switch
failure feature
*Replace XXX with desire control voltage (24, 120)
The ARM Series is UL Listed under UL File Number E151578.


Similar Part No. - ARM-2003

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
ARM-24T FOTEK-ARM-24T Datasheet
494Kb / 2P
Digital Meter
ARM-25T FOTEK-ARM-25T Datasheet
494Kb / 2P
Digital Meter
More results

Similar Description - ARM-2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1600A ETC-M1600A Datasheet
22Kb / 2P
ON/OFF, OSH ANDOM/SEQUENCE 6 LED
logo
Linear Technology
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
Pushbutton On/Off Controller
logo
Panasonic Semiconductor
NPS PANASONIC-NPS Datasheet
362Kb / 6P
ON/OFF Input Sensor Controller
logo
MOSDESIGN SEMICONDUCTOR...
M1600A MOSDESIGN-M1600A Datasheet
137Kb / 2P
ON/OFF, OSH RANDOM/SEQUENCE
2012-04-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com