Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS44 Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-115
Shows the block diagram of this mode.
Figure 3.8.12 Block Diagram of 16-Bit PPG Mode
In 16-bit PPG mode, set the registers is the following order:
7
6
5
4
3
2
1
0
T45CR
← 0 X X X X X − 0
Double buffer of TRG4 disable.
TRUN
← − X − 0 − − − −
Stop timer 4.
TREG4
← * * * * * * * *
Set the duty (16 bits).
TREG5
← * * * * * * * *
Set the cycle (16 bits).
T45CR
← 0 X X X X X − 1
Double buffer of TREG4 enable.
(Change the duty and cycle at the interrupt INTTR5.)
T4FFCR
← X X 0 0 1 1 1 0
Set the mode to invert TFF4 at the match with
TREG4/TREG5, and also set the TFF4 to “0”.
T4MOD
← 0 0 1 0 0 1 **
(**
= 01, 10, 11)
Select the internal clock for the input, and disable the capture
function.
P4CR
← − − − 1 − − − −
P4FC
← − X X 1 X X − X
Assign P44 as TO4.
TRUN
← 1 X − 1 − − − −
Start timer 4.
X: Don’t care,
−: No change
Selector
16-bit up counter
UC4
16-bit comparator
16-bit comparator
TI4 pin
φT1
φT4
φT16
F/F
(TFF4)
TREG4
Register buffer 4
TREG5
Selector
T45CR<DB4EN>
TREG4-WR
TRUN<T4RUN>
TO4 (PPG output)
Internal data bus
Clear
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com