| Electronic Components Datasheet Search |
|
TMP93CS44 Datasheet(PDF) 181 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS44 Datasheet(HTML) 181 Page - Toshiba Semiconductor |
|
181 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-179 3.11.2 Operation (1) Analog reference voltage High analog reference voltage is applied to the VREFH pin, and low analog reference voltage is applied to the VREFL pin. The voltage between VREFH and VREFL is divided into 1024 increments using a string resistor. AD conversion is based on comparing the analog input voltage with these reference voltage increments. To turn the switch between VREFH and VREFL off, write 0 to the ADMOD1<VREFON> bit. To start AD conversion when the switch is off, first write 1 to <VREFON>. After that, wait at 3 µs long enough to get the stabilized oscillation, write 1 to ADMOD0<ADS>. (2) Selecting analog input channels The procedure for selecting analog input channels depends on the operating mode of the AD converter. • When analog input channel is used to fix (ADMOD0<SCAN> = 0) To set ADMOD1<ADCH2:0>, selecting one channel from analog input pins AN0 to AN7. • When analog input channel is used to scan (ADMOD0<SCAN> = 1) To set ADMOD1<ADCH2:0>, selecting one channel from 8 scan mode. Table 3.11.1 shows the analog input channel selection each operating mode. A reset initializes ADMOD0<SCAN> to 0 and ADMOD1<ADCH2:0> to 000, selecting pin AN0 for the AD converter input. The pins not used as analog input channels can be used as general-purpose input ports (P5). Table 3.11.1 Analog Input Channel Selection <ADCH2:0> Fixed channel <SCAN> = 0 Channel scan <SCAN> = 1 000 AN0 AN0 001 AN1 AN0 → AN1 010 AN2 AN0 → AN1 → AN2 011 AN3 AN0 → AN1 → AN2 → AN3 100 AN4 AN4 101 AN5 AN4 → AN5 110 AN6 AN4 → AN5 → AN6 111 AN7 AN4 → AN5 → AN6 → AN7 (3) Starting AD conversion AD conversion starts when ADMOD0<ADS> to 1, or ADMOD1<ADTRGE> is set to 1 and the falling edge is input through ADTRG pin. When AD conversion starts, AD conversion busy flag ADMOD0<ADBF> is set to 1, indicating AD conversion is in progress. Writing 1 to <ADS> while conversion is in progress restarts the conversion. Check the conversion result stored flag ADREGxL<ADRxRF> to determine whether the AD conversion data are valid at this time. Inputting the falling edge to the ADTRG pin while conversion is in progress is invalid. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |