Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3301 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3301
Description  PWM Step-Down Con troller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3301 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3301 Datasheet HTML 1Page - AXElite technology co. ltd AX3301 Datasheet HTML 2Page - AXElite technology co. ltd AX3301 Datasheet HTML 3Page - AXElite technology co. ltd AX3301 Datasheet HTML 4Page - AXElite technology co. ltd AX3301 Datasheet HTML 5Page - AXElite technology co. ltd AX3301 Datasheet HTML 6Page - AXElite technology co. ltd AX3301 Datasheet HTML 7Page - AXElite technology co. ltd AX3301 Datasheet HTML 8Page - AXElite technology co. ltd AX3301 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Oct.16, 2019
AX3301
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA =25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB
IOUT=0.1A
0.784 0.800 0.816 V
Quiescent Current
ICCQ
VFB=1.2V force driver
off
3
5
mA
Feedback Bias Current
IFB
IOUT=0.1A
-
0.1 0.5
uA
Shutdown Supply Current
ISD
VEN =0V
-
2
10
uA
OCSET pin bias current
IOCSET
110 130 150 uA
Line Regulation
△ VOUT/VOUT
VIN = 5V~24V,
IOUT=0.2A
-
0.6 1.2
%
Load Regulation
△ VOUT/VOUT IOUT = 0.1 to 3A
-
0.3 0.5
%
Oscillation Frequency
FOSC
LX pin
260 330 400 KHz
EN Pin Logic input threshold
voltage
VSH
High (regulator ON)
2.0
-
-
V
VSL
Low (regulator OFF)
-
-
0.8
EN Pin Input Current
ISH
VEN=2.5V (ON)
-
20
-
uA
ISL
VEN=0.3V (OFF)
-
-10
-
uA
LX Rise Time
TLXR
CLX=1000pF
-
45
-
nS
LX Fall Time
TLXF
CLX=1000pF
-
45
-
Efficiency
EFFI
VOUT = 5V
IOUT = 2A
-
92
-
%
IOUT = 3A
-
91
-
Thermal shutdown Temp
TSD
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com