Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3301 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3301
Description  PWM Step-Down Con troller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3301 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3301 Datasheet HTML 1Page - AXElite technology co. ltd AX3301 Datasheet HTML 2Page - AXElite technology co. ltd AX3301 Datasheet HTML 3Page - AXElite technology co. ltd AX3301 Datasheet HTML 4Page - AXElite technology co. ltd AX3301 Datasheet HTML 5Page - AXElite technology co. ltd AX3301 Datasheet HTML 6Page - AXElite technology co. ltd AX3301 Datasheet HTML 7Page - AXElite technology co. ltd AX3301 Datasheet HTML 8Page - AXElite technology co. ltd AX3301 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Oct.16, 2019
AX3301
PWM Step-Down Controller
GENERAL DESCRIPTION
The AX3301 integrates Pulse-Width-Modulation (PWM) control circuit into a single
chip. These devise include a reference voltage source, oscillation circuit, error amplifier and
etc.
AX3301 provides low-ripple power, high efficiency, and excellent transient
characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%.
An enable function, an over current protect function and short circuit protect function are
built inside, and when OCP or SCP happens, the operation frequency will be reduced.
With the addition of an external P-channel Power MOS, a coil, capacitors, and a
diode connected externally, these components can function as step-down switching
regulators. They serve as ideal power supply units for portable devices when coupled with
the SOP-8L and MSOP-8L mini-package, providing such outstanding features as low
current consumption. Since this converter can accommodate an input voltage up to 24V, it
is also suitable for the operation via an AC adapter.
FEATURES
-
Input voltage:4V to 24V
-
Output voltage:0.8V to VCC
-
Duty ratio:0% to 100% PWM control
-
Oscillation frequency:330KHz typ.
-
Current Limit (CL), Enable function.
-
Thermal Shutdown function.
-
Short Circuit Protect (SCP).
-
External SW P-channel MOS.
-
MSOP-8L and SOP-8L Pb-Free packages.
-
RoHS and Halogen free compliance.


Similar Part No. - AX3301

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3304 AXELITE-AX3304 Datasheet
902Kb / 13P
PWM Control Controller
Rev.1.4 Oct.16, 2019
AX3304/A AXELITE-AX3304/A Datasheet
902Kb / 13P
PWM Control Controller
Rev.1.4 Oct.16, 2019
AX3304A AXELITE-AX3304A Datasheet
902Kb / 13P
PWM Control Controller
Rev.1.4 Oct.16, 2019
AX3304AS AXELITE-AX3304AS Datasheet
902Kb / 13P
PWM Control Controller
Rev.1.4 Oct.16, 2019
AX3304ASA AXELITE-AX3304ASA Datasheet
902Kb / 13P
PWM Control Controller
Rev.1.4 Oct.16, 2019
More results

Similar Description - AX3301

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1596 AIC-AIC1596 Datasheet
61Kb / 5P
3A STEP-DOWN PWM REGULATOR
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
3A STEP-DOWN PWM CONVERTER
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Unisonic Technologies
UC4601_1112 UTC-UC4601_1112 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
700mA Synchronous PWM Step-Down
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
1A Synchronous PWM Step-Down
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
3A STEP-DOWN PWM CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com