Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3304AS Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3304AS
Description  PWM Control Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3304AS Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3304AS Datasheet HTML 1Page - AXElite technology co. ltd AX3304AS Datasheet HTML 2Page - AXElite technology co. ltd AX3304AS Datasheet HTML 3Page - AXElite technology co. ltd AX3304AS Datasheet HTML 4Page - AXElite technology co. ltd AX3304AS Datasheet HTML 5Page - AXElite technology co. ltd AX3304AS Datasheet HTML 6Page - AXElite technology co. ltd AX3304AS Datasheet HTML 7Page - AXElite technology co. ltd AX3304AS Datasheet HTML 8Page - AXElite technology co. ltd AX3304AS Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3304/A
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 45
V
VGATE, VSENSE Pin Voltage
GND - 0.3 to VIN
V
Feedback, OVP, EN/CT Pin Voltage
GND - 0.3 to 6
V
Switch Pin Voltage
VSW
GND - 0.3 to VIN + 0.3
V
Power Dissipation
PD
(TJ – TA)/ θJA
W
Storage Temperature Range
TST
-40 to +165
°C
Operating Temperature Range
TOP
-20 to +125
°C
Operating Supply Voltage
VOP
+8 to +40
V
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note : θJA is measured with the PCB copper are (need connect to Exposed pad) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS (VIN=12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min. Typ. Max. Units
Feedback Voltage
VFB
IOUT=10mA
0.98 1 1.02
V
Under Voltage Lockout
UVLO
Rise
-
6
-
V
UVLO Hysteresis
-
-
1.65
-
V
OVP detect voltage
VOVP
Internal define
1.20 1.23 1.26
V
Line Regulation
-
VIN=10 ~ 40V, IOUT=10mA
-
0.2 0.5
%
Load Regulation
-
IOUT=0~3A,
RSENSE = 33mΩ AX3304/A
-
0.5
1
%
Quiescent Current
ICCQ
VFB = 1.5V, force driver off.
-
4
8
mA
Oscillator frequency
FOSC
IOUT = 0.5A
AX3304
70 100 130 KHz
AX3304A
240 300 360 KHz
Max. Duty Cycle (ON)
DC
Force driver on VFB = 0.6V
-
100
-
%
Min. Duty Cycle (OFF)
Force driver off VFB = 1.5V
-
0
-
%
Sense Voltage
VCC-VSENSE
-
115
-
mV
EN/CT pin logic input
threshold voltage
VEN1
Shutdown mode
-
-
0.4
V
VCT
Auto restart, VFB<0.4V
0.5
-
1.5
V
EN/CT pin current
IEN/CT-C Charge current
-
-30 -
uA
EN/CT pin current
IEN/CT-D Discharge current
-
1.3 -
uA
Thermal shutdown Temp
TSD
-
160
-
°C
Thermal
Shutdown Hysteresis
TSH
-
50
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com