Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3304AS Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3304AS
Description  PWM Control Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3304AS Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3304AS Datasheet HTML 1Page - AXElite technology co. ltd AX3304AS Datasheet HTML 2Page - AXElite technology co. ltd AX3304AS Datasheet HTML 3Page - AXElite technology co. ltd AX3304AS Datasheet HTML 4Page - AXElite technology co. ltd AX3304AS Datasheet HTML 5Page - AXElite technology co. ltd AX3304AS Datasheet HTML 6Page - AXElite technology co. ltd AX3304AS Datasheet HTML 7Page - AXElite technology co. ltd AX3304AS Datasheet HTML 8Page - AXElite technology co. ltd AX3304AS Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3304/A
APPLICATION CIRCUIT
C2
0.1uF
R2
12K
R5
3K
C1
470uF
R1
0R
5V/3A
R4
Option
C6
Option
R3
12K
R6
3K
RSENSE1
38mR
ICL =
115mV / Rsense
C5
Option
VCC 10~36V
U1
P-MOS
5
1
6
7
8
2
3
L1
66uH / 33uH
C3
0.1uF
C7
0.1uF
U2
AX3304/A
1
2
3
4
5
6
7
8
EN/CT
GND
VGATE
VCC
GATE
VSENSE
OVP
FB
D1
B340A
C4
470uF
FUNCTION DESCRIPTIONS
FB
Sense the regulated output voltage to complete the feedback loop, when VFB <0.4V,
the SCP is happened.
VSENSE
The current limit sense pin, if VIN-VSENSE≧115mV, the over current is happened that it
can turn-off driver cycle by cycle.
OVP
The Over Voltage sense pin, If VOVP >1.23V, the OVP is happened that it can turn-off
the driver. You can set VOUT OVP voltage by outside resistances (R3 and R4), Please see
below formula to set.
)
5
R
2
R
+
1
(
×
23
.
1
=
VOUT
)
OVP
(
The Over Voltage Protect, If VOVP >1.23V, the OVP is happened that it can turn-off the
driver.
Under Voltage Lockout (UVLO)
To avoid error-operation of the device at low input voltages an under voltage lockout
is included that disables the device, if the input voltage falls below 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com