Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R9220 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R9220
Description  PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R9220 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R9220 Datasheet HTML 1Page - Hamamatsu Corporation R9220 Datasheet HTML 2Page - Hamamatsu Corporation R9220 Datasheet HTML 3Page - Hamamatsu Corporation R9220 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High QE Multialkali Photocathode
New Electro–Optical Design
28 mm (1-1/8 Inch) Diameter, 9-stage, Side-on Type
GHigh Cathode Sensitivity
Luminous ................................................. 450
µA/lm (Typ.)
Radiant at 450 nm (peak) ........................ 85 mA/W (Typ.)
Quantum Efficiency at 260 nm (peak) .... 26.3 % (Typ.)
GHigh Anode Sensitivity at 1000 V
Luminous ................................................. 4500 A/lm (Typ.)
Radiant at 450 nm (peak) ........................ 8.5
× 105 A/W (Typ.)
GWide Spectral response ............................. 185 nm to 900 nm
GHigh Signal to Noise Ratio
GNewly Designed Electro Optical Structure
GBiomedical Fluorescence Detection
GLaser Scanning Detection
GSpectroscopy
GSemiconductor Inspection
GEnvironmental Monitoring
Figure 2: Typical Spectral Response
Figure 1: Electro optical Structure
TPMSB0201EA
TPMSC0024EB
PHOTOMULTIPLIER TUBE
R9220
FEATURES
APPLICATIONS
100
10
1
0.1
100
200
300
400
500
600
700
800
900 1000
WAVELENGTH (nm)
0.01
QUANTUM
EFFICIENCY
CATHODE
RADIANT
SENSITIVITY
LIGHT
PHOTOELECTRON
TRAJECTORIES
GRID
GLASS BULB
ANODE
9th DYNODE
PHOTOCATHODE
2nd DYNODE
1st DYNODE
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.


Similar Part No. - R9220

ManufacturerPart #DatasheetDescription
logo
Radiall. All rights res...
R921 019 000 RADIALL-R921 019 000 Datasheet
159Kb / 1P
2MM SERIES
R921 029 000 RADIALL-R921 029 000 Datasheet
159Kb / 1P
2MM SERIES
R921 119 000 RADIALL-R921 119 000 Datasheet
159Kb / 1P
2MM SERIES
R921 149 000 RADIALL-R921 149 000 Datasheet
159Kb / 1P
2MM SERIES
R921 330 000 RADIALL-R921 330 000 Datasheet
159Kb / 1P
2MM SERIES
More results

Similar Description - R9220

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
R5912 HAMAMATSU-R5912_10 Datasheet
321Kb / 8P
LARGE PHOTOCATHODE AREA PHOTOMULTIPLIER TUBES
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com