Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R9220 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R9220
Description  PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R9220 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R9220 Datasheet HTML 1Page - Hamamatsu Corporation R9220 Datasheet HTML 2Page - Hamamatsu Corporation R9220 Datasheet HTML 3Page - Hamamatsu Corporation R9220 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A: Averaged over any interval of 30 seconds maximum.
B: The light source is a tungsten filament lamp operated at
a distribution temperature of 2856K. Supply voltage is
100 volts between the cathode and all other electrodes
connected together as anode.
C: Red/White ratio is the quotient of the cathode current
measured using a red filter (Toshiba R-68) interposed
between the light source and the tube by the cathode
current measured with the filter removed under the same
conditions as Note B.
D: The value is cathode output current when a blue filter
(Corning CS 5-58 polished to 1/2 stock thickness) is
interposed between the light source and the tube under
the same condition as Note B.
E: Measured with the same light source as Note B and with
the voltage distribution ratio shown in Table 1 below.
F: Measured with the same supply voltage and voltage
distribution ratio as Note E after removal of light.
G: The rise time is the time for the output pulse to rise from
10 % to 90 % of the peak amplitude when the entire
photocathode is illuminated by a delta function light
pulse.
H: The electron transit time is the interval between the
arrival of delta function light pulse at the entrance
window of the tube and the time when the anode output
reaches the peak amplitube. In measurement, the whole
photocathode is illuminated.
I : Also called transit time jitter. This is the fluctuation in
electron transit time between individual pulses in the
single photoelectron mode, and may be defined as the
FWHM of the frequency distribution of electron transit
times.
J : Hysteresis is temporary instability in anode current after
light and voltage are applied.
(1)Light Hysteresis
The tube is operated at 750 volts with an anode
current of 1 microampere for 5 minutes. The light is
then removed from the tube for a minute. The tube is
then re-illuminated by the previous light level for a
minute to measure the variation.
(2)Voltage Hysteresis
The tube is operated at 300 volts with an anode
current of 0.1 micro-ampere for 5 minutes. The light is
then removed from the tube and the supply voltage is
quickly increased to 800 volts. After a minute, the
supply voltage is then reduced to the previous value
and the tube is re-illuminated for a minute to measure
the variation.
PHOTOMULTIPLIER TUBE R9220
NOTES
SPECIFICATIONS
Hysteresis =
× 100(%)
lmax. – lmin.
li
TPMSB0002EA
TIME
max.
l
min.
l
i
l
0
5
6
7 (minutes)
Electrodes
K
Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9
P
Ratio
1
111
1
1
1111
SuppIy Voltage: 1000 V, K: Cathode, Dy: Dynode, P: Anode
Table 1: Voltage Distribution Ratio
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
CHARACTERISTlCS (at 25
°C)
Value
1250
250
0.1
V
V
mA
Unit
Parameter
Supply
Voltage
Average Anode Current A
Typ.
Max.
Unit
—
—
—
—
—
—
—
—
—
—
50
—
—
—
—
—
%
%
%
µA/lm
mA/W
mA/W
—
—
A/lm
A/W
—
nA
ns
ns
ns
%
%
26.3
23.4
13.3
450
85
68
0.4
12.5
4500
8.5
× 105
1.0
× 107
10
2.2
22
1.2
0.1
1.0
Min.
Quantum
Efficiency
Luminous B
Radiant
Red/White Ratio C
Blue Sensitivity Index D
Luminous E
Radiant at 450 nm (peak)
Anode Pulse Rise Time G
Electron Transit Time H
Transit Time Spread (TTS) I
Light Hysteresis
Voltage Hysteresis
at 260 nm
at 450 nm
at 633 nm
at 450 nm
at 633 nm
—
—
—
375
—
—
—
—
1000
—
—
—
—
—
—
—
Parameter
Cathode
Sensitivity
Anode
Sensitivity
Gain E
Anode Dark Current F
(After 30 min Storage in Darkness)
Time
Response
Anode Current
Stability J
Between Anode and Cathode
Between Anode and Last Dynode
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Direct
Interelectrode
Capacitances
Base
Weight
Operating Ambient Temperature
Storage Temperature
SuitabIe Socket
SuitabIe Socket Assembly
185 to 900
450
Multialkali
8
× 24
UV glass
Circular-cage
9
4
6
11-pin base JEDEC No. B11-88
Approx. 45
-30 to +50
-30 to +50
E678–11A (Sold Separately)
E717–63 (Sold Separately)
nm
nm
—
mm
—
—
—
pF
pF
—
g
°C
°C
—
—
MateriaI
Minimum Effective Area
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other
Electrodes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com