Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI2CMS Datasheet(PDF) 3 Page - Digital Core Design

Part # DI2CMS
Description  I2C Bus Interface - Master/Slave
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CMS Datasheet(HTML) 3 Page - Digital Core Design

  DI2CMS Datasheet HTML 1Page - Digital Core Design DI2CMS Datasheet HTML 2Page - Digital Core Design DI2CMS Datasheet HTML 3Page - Digital Core Design DI2CMS Datasheet HTML 4Page - Digital Core Design DI2CMS Datasheet HTML 5Page - Digital Core Design DI2CMS Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
SYMBOL
datai(7:0)
datao(7:0)
irq
rd
we
address(2:0)
scli
sdai
cs
rst
clk
sclhs
sclo
sdao
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
rst
input
Global reset
address(1:0)
input
Processor address lines
cs
input
Chip select
we
input
Processor write strobe
rd
input
Processor read strobe
scli
input
I
2C bus clock line (input)
sdai
input
I
2C bus data line (input)
datai(7:0)
input
Processor data bus (input)
datao(7:0)
output
Processor data bus (output)
sclo
output
I
2C bus clock line (output)
sclhs
output
High-speed clock line (output)
sdao
output
I
2C bus data line (output)
irq
output
Processor interrupt line
BLOCK DIAGRAM
Figure below shows the DI2CMS IP Core
block diagram.
address(2:0)
datai(7:0)
datao(7:0)
rd
cs
we
rst
clk
irq
CPU
Interface
sdai
sdao
scli
sclo
Input
Filter
Output
Register
Shift
Register
Output
Register
Input
Filter
Timer
Control
Logic
Clock Control
Logic
Send
Data
Receive
Data
Slave
Address
Control
Register
Status
Register
Arbitration
Logic
Output
Register
sclhs
CPU Interface
– Performs the interface func-
tions between DI2CMS internal blocks and
microprocessor. Allows easy connection of the
core to a microprocessor/microcontroller sys-
tem.
Control Logic
– Manages execution of all
commands sent via interface. Synchronizes
internal data flow.
Shift Register
– Controls SDA line, performs
data and address shifts during the data
transmission and reception.
Control Register
– Contains five control bits
used for performing all types of I2C Bus
transmissions.
Status Register
– Contains seven status bits
that indicates state of the I2C Bus and the
DI2CMS core.
Input Filter
– Performs spike filtering.
Clock Control Logic
– Performs clock syn-
chronization, clock generation in master
mode, and clock stretching in slave mode.
Arbitration Logic
– Performs arbitration dur-
ing operations in multi-master systems.
Timer
– Allows operation from a wide range of
the input frequencies. It is programmed by an
user before transmission and can be repro-
grammed to change the SCL frequency.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com