Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI2CMS Datasheet(PDF) 4 Page - Digital Core Design

Part # DI2CMS
Description  I2C Bus Interface - Master/Slave
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CMS Datasheet(HTML) 4 Page - Digital Core Design

  DI2CMS Datasheet HTML 1Page - Digital Core Design DI2CMS Datasheet HTML 2Page - Digital Core Design DI2CMS Datasheet HTML 3Page - Digital Core Design DI2CMS Datasheet HTML 4Page - Digital Core Design DI2CMS Datasheet HTML 5Page - Digital Core Design DI2CMS Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IMPLEMENTATIO N
PERFORMANCE
Figures below show the typical DI2CMS im-
plementations in system with Standard/Fast
and High-speed devices.
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route (all key features
have been included):
open drain
open drain
RP
RP
VDD
sdai
SCL
SDA
sdao
RS
RS
sclo
scli
DI2CMS
Master
/Slave
device
scl
RS
RS
sda
sclhs
Device
Speed
grade
Logic Cells
Fmax
STRATIX-II
-3
337
380 MHz
CYCOLNE-II
-6
354
263 MHz
MERCURY
-5
414
210 MHz
STRATIX
-5
370
254 MHz
CYCLONE
-6
370
220 MHz
APEX II
-7
394
192 MHz
APEX20KC
-7
394
150 MHz
APEX20KE
-1
394
120 MHz
APEX20K
-1
394
90 MHz
ACEX1K
-1
411
107 MHz
FLEX10KE
-1
411
107 MHz
MAX 2
-3
291
187 MHz
MAX 7000AE
-5
198
67 MHz
MAX 3000A
-7
198
49 MHz
Core performance in ALTERA® devices
DI2CMS implementation in I
2C-bus system with
Standard/Fast devices only
open drain
open drain
RP
RP
VDD
sdai
SCL
SDA
sdao
RS
RS
sclo
scli
DI2CMS
Master
/Slave
device
scl
RS
RS
sda
sclhs
VDD
current-source
pull-up
DI2CMS implementation in I
2C-bus system with
High-speed devices
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com