Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMAC Datasheet(PDF) 2 Page - Digital Core Design

Part # DMAC
Description  Media Access Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DMAC Datasheet(HTML) 2 Page - Digital Core Design

  DMAC Datasheet HTML 1Page - Digital Core Design DMAC Datasheet HTML 2Page - Digital Core Design DMAC Datasheet HTML 3Page - Digital Core Design DMAC Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
Delivery the IP Core updates, minor
and major versions changes
Delivery the documentation updates
Phone & email support
SYMBOL
rst
rdcs
wrcs
mdi
dmt(31:0)
waddrmt(8:0)
raddrmt(8:0)
enrmt
enwmt
rxdata(3:0)
rxdv
rxer
rxclk
txdata(3:0)
txen
txer
datao(31:0)1
irq
rd
wr
be(3:0)2
datai(31:0)1
rdaddr(4:0)
wraddr(4:0)
clk
qmr(31:0)
dmr(31:0)
waddrmr(8:0)
raddrmr(8:0)
enrmr
enwmr
crs
col
txclk
docdbusctrl
mdc
mdo
mdoe
qmt(31:0)
1 – data bus can be configured as 8-, 16- or 32- bit depends
on processor’s bus size
2 – byte enable (be) size is set accordingly to data bus size
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
rst
input
Global reset
rdcs
input
Read chip select
wrcs
input
Write chip select
rd
input
Read data strobe
wr
input
Write data strobe
rdaddr(4:0)
input
Host read address bus
wraddr(4:0)
input
Host write address bus
be(3:0)
2
input
Host byte enable
datai(31:0)
1
input
Host output data bus
qmr(31:0)
input
RX DPRAM data output
qmt(31:0)
input
TX DPRAM data output
rxdata(3:0)
input
Ethernet receive data
rxdv
input
Ethernet receive data valid
rxer
input
Ethernet receive error
rxclk
input
Ethernet receive clock
txclk
input
Ethernet transmit clock
crs
input
Ethernet carrier sense
col
input
Ethernet collision detection
mdi
input
Management data input
docdbusctrl
input
DoCD debugger input
datao(31:0)
1
output Host input data bus
irq
output Interrupt signal
dmr(31:0)
output RX DPRAM data input
waddrmr(8:0)
output RX DPRAM write address
raddrmr(8:0)
output RX DPRAM read address
enrmr
output RX DPRAM read enable
enwmr
output RX DPRAM write enable
dmt(31:0)
output TX DPRAM data input
waddrmt(8:0)
output TX DPRAM write address
raddrmt(8:0)
output TX DPRAM read address
enrmt
output TX DPRAM read enable
enwmt
output TX DPRAM write enable
txer
output Ethernet transmit error
txen
output Ethernet transmit enable
txdata(3:0)
output Ethernet transmit data
mdc
output Management clock
mdo
output Management data output
mdoe
output Management data output enable
clk
input
Global clock
rst
input
Global reset
rdcs
input
Read chip select
wrcs
input
Write chip select



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com