Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMAC Datasheet(PDF) 1 Page - Digital Core Design

Part # DMAC
Description  Media Access Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DMAC Datasheet(HTML) 1 Page - Digital Core Design

  DMAC Datasheet HTML 1Page - Digital Core Design DMAC Datasheet HTML 2Page - Digital Core Design DMAC Datasheet HTML 3Page - Digital Core Design DMAC Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
Communications systems
D
DM
MA
AC
C
Media Access Controller
ver 2.07
OVERVIEW
The DMAC is hardware implementation of
media access control protocol defined by the
IEEE standard. DMAC in cooperation with
external PHY device enables network func-
tionality in design. It is capable of transmitting
and receiving Ethernet frames to and from
the network. Half and full duplex modes are
supported, as well 10 and 100 Mbit/s speed.
The core is able to work with wide range of
processors: 8, 16 and 32 bit data bus, with
little or big endian byte order format. Design
is technology independent and thus can be
implemented in variety of process technolo-
gies. This core strictly conforms to IEEE
802.3 standard.
KEY FEATURES
Conforms to IEEE 802.3-2002 specifica-
tion
8/16/32-bit CPU slave interface with little
or big endianess
Simple interface allows easy connection
to CPU
Narrow address bus with indirect I/O in-
terface to the transmit and receive data
dual port memories
Supports
10BASE-T
and
100BASE-
TX/FX IEEE 802.3 compliant MII PHYs
Media Independent Interface (MII) for
connection to external 10/100 Mbps PHY
transceivers
Supports full and half duplex operation at
10 Mbps or 100 Mbps
CRC-32 algorithm calculates the FCS
nibble at a time, automatic FCS genera-
tion and checking, able to capture frames
with CRC errors if required
Lite design, small gate count and fast
operation
Programmable or fixed MAC address
Promiscuous mode support
Dynamic PHY configuration by MII man-
agement interface
Receive FIFO able to store many mes-
sages at a time
Allows operation from a wide range of
input bus clock frequencies
Fully synthesizable
Static synchronous design with positive
edge clocking and synchronous reset
No internal tri-states
Scan test ready
APPLI C ATIONS
Embedded microprocessor boards
Networking devices (Network Interface
Cards, routers, switches)


Similar Part No. - DMAC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
DMA RUBYCON-DMA Datasheet
136Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
XP Power Limited
DMA XPPOWER-DMA Datasheet
875Kb / 7P
Open Frame Telecom DC-DC Converter
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
AC/DC-to-DC Din-rail power supply
DMA-050-05 AXIOMTEK-DMA-050-05 Datasheet
136Kb / 1P
AC/DC-to-DC Din-rail power supply
DMA-060-12 AXIOMTEK-DMA-060-12 Datasheet
136Kb / 1P
AC/DC-to-DC Din-rail power supply
More results

Similar Description - DMAC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83266 NSC-DP83266 Datasheet
1Mb / 152P
MACSITM Device (FDDI Media Access Controller and System Interface)
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
Media Access Controller for Ethernet (MACE)
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C503A ATMEL-AT76C503A Datasheet
44Kb / 3P
Universal Serial Bus 11-megabit WLAN Media Access Controller
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
11-megabit WLAN Media Access Controller MAC
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
BMAC Device (FDDI Media Access Controller)
logo
Advanced Micro Devices
AM79C930 AMD-AM79C930 Datasheet
691Kb / 161P
PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
logo
ATMEL Corporation
AT76C506A ATMEL-AT76C506A Datasheet
363Kb / 3P
802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
Media Access Controller for Ethernet (MACE??
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
Quad Gigabit Ethernet Media Access Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com