Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIS Datasheet(PDF) 3 Page - Digital Core Design

Part # DSPIS
Description  Serial Peripheral Interface - Slave
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPIS Datasheet(HTML) 3 Page - Digital Core Design

  DSPIS Datasheet HTML 1Page - Digital Core Design DSPIS Datasheet HTML 2Page - Digital Core Design DSPIS Datasheet HTML 3Page - Digital Core Design DSPIS Datasheet HTML 4Page - Digital Core Design DSPIS Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
SYMBOL
datai(D:0)
sck
si
ss
clk
rst
datao(D:0)
address(A:0)
rd
we
so
cpha
cpol
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
rst
input
Global reset
datai(D:0)
input
Data bus input
cpha
input
SCK clock phase
cpol
input
SCK clock polarity
sck
input
SPI serial clock
si
input
SPI serial data input
ss
input
Slave select
datao(D:0)
output
Data bus output
addres(A:0)
output
Address bus output
rd
output
Read output
we
output
Write enable
so
output
Slave serial data output
BLOCK DIAGRAM
SPI Clock logic
controls phase and polarity of
the SCK clock line, and detects correct sam-
ple and shift edge for the Shift register. SPI
clock Logic allow user to select any of four
combinations of serial clock (SCK) phase and
polarity using two pins CPHA and CPOL. The
clock polarity is specified by the CPOL, which
selects an active high or active low clock and
has no significant effect on the transfer format.
The clock phase CPHA selects one of two
fundamentally different transfer formats. The
clock phase and polarity should be identical
for the master SPI device and the communi-
cating slave device. In some cases, the phase
and polarity are changed between transfers to
allow a master device to communicate with
peripheral slaves having different require-
ments. The flexibility of the SPI system on the
DSPIS allows direct interface to almost any
existing synchronous serial peripheral.
Shift register
– is a central element in the SPI
system. When an SPI transfer occurs, an 8-bit
character is shifted out on data pin while a
different 8-bit character is simultaneously
shifted in a second data pin. Another way to
view this transfer is that an 8-bit shift register
in the master and another 8-bit shift register in
the slave are connected as a circular 16-bit
shift register. When a transfer occurs, this
distributed shift register is shifted eight bit po-
sitions; thus, the characters in the master and
slave are effectively exchanged.
SPI Clock Logic
Shift Reg.
MSB
LSB
Data reg.
Adr. reg.
clk
rst
SPI
Controller
so
si
datai
cpha
cpol
sck
ss
datao
address
we
rd
Data Register
holds data read from passive
device and to be sent serially to the SPI Mas-
ter.
Address Register
holds address presented
on Address bus. it’s contents is incremented
every single data portion sent/received serially
through the SPI bus.
SPI Controller
- detects begin and end of SPI
transfer. Manages data exchange between
DSPIS and passive device controlled by
DSPIS, and increment Address Register
(SPAD) after any successful transfer.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com