Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9435SA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AM9435SA
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM9435SA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AM9435SA Datasheet HTML 1Page - AXElite technology co. ltd AM9435SA Datasheet HTML 2Page - AXElite technology co. ltd AM9435SA Datasheet HTML 3Page - AXElite technology co. ltd AM9435SA Datasheet HTML 4Page - AXElite technology co. ltd AM9435SA Datasheet HTML 5Page - AXElite technology co. ltd AM9435SA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
■
ELECTRICAL CHARACTERISTICS(TA = 25℃ Unless otherwise noted )
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Static Parameters
V(BR)DSS
Drain-Source Breakdown Voltage
VGS =0V,ID =-250μA
-30
V
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID =-250μA
-1.0
-3.0
V
IGSS
Gate Leakage Current
VDS =0V,VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS =-30V,VGS =0V
-1
μA
VDS =-30V,VGS =0V
TJ =55℃
-5
ID(ON)
On-State Drain Current
VDS ≦-5V,VGS ≦-10V
-25
A
RDS(ON)
Drain-source On-Resistance
VGS =-10V,ID=-5.2A
VGS =-4.5V, ID=-4.0A
48
74
60
90
mΩ
Gfs
Forward Transconductance
VDS =-10V,ID =-5.2A
10
S
Source-Drain Doide
Is
Diode forward Current (Max.)
2.6
A
VSD
Diode Forward Voltage
IS=-2.0A,VGS=0V
-0.8
-1.2
V
Dynamic Parameters
Qg
Total Gate Charge
VDS =-15V,VGS =-10V
ID =-5.0A
15
10
nC
Qgs
Gate-Source Charge
4.0
Qgd
Gate-Drain Charge
2.0
Ciss
Input Capacitance
VDS =-15V,VGS =0V
f =1MHz
680
pF
Coss
Output Capacitance
120
Crss
Reverse Transfer Capacitance
75
td(on)
Turn-On Time
VDD =-15V,RL =15Ω
ID =-1.0A,VGEN =-10V
RG =6Ω
7.0
15
nS
tr
10
20
td(off)
Turn-Off Time
40
80
tf
20
40
Note : 1. Pulse test: pulse width <= 300us, duty cycle<= 2%
2. Static parameters are based on package level with recommended wire-bonding
AM9435
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 May 19, 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com