Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9435SA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AM9435SA
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM9435SA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AM9435SA Datasheet HTML 1Page - AXElite technology co. ltd AM9435SA Datasheet HTML 2Page - AXElite technology co. ltd AM9435SA Datasheet HTML 3Page - AXElite technology co. ltd AM9435SA Datasheet HTML 4Page - AXElite technology co. ltd AM9435SA Datasheet HTML 5Page - AXElite technology co. ltd AM9435SA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
■
TYPICAL CHARACTERISTICS (25℃ Unless Note)
AM9435
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 May 19, 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com