Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2715 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2715
Description  Silicon NPN Epitaxial Planar Type (PCT process)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2715 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2715 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 5Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 6Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 7Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SC2715
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type (PCT process)
2SC2715
High Frequency Amplifier Applications
• High power gain: Gpe = 30dB (typ.) (f = 10.7 MHz)
• Recommended for FM IF, OSC stage and AM CONV. IF stage.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
35
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
4
V
Collector current
IC
50
mA
Base current
IB
10
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 35 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 4 V, IC = 0
⎯
⎯
1.0
μA
DC current gain
hFE
(Note)
VCE = 12 V, IC = 2 mA
40
⎯
240
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 1 mA
⎯
⎯
0.4
V
Base-emitter voltage
VBE
IC = 10 mA, IB = 1 mA
⎯
⎯
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
100
⎯
400
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
2.0
3.2
pF
Collector-base time constant
Cc・rbb’
VCE = 10 V, IE = −1 mA, f = 30 MHz
⎯
⎯
50
ps
Power gain
Gpe
VCC = 6 V, IE = −1 mA, f = 10.7 MHz
(Figure 1)
27
30
33
dB
Note: hFE classification R: 40~80, O: 70~140, Y: 120~240
Unit: mm
JEDEC
―
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)
USM


Similar Part No. - 2SC2715

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2715 TOSHIBA-2SC2715 Datasheet
314Kb / 7P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER APPLICATIONS)
logo
Galaxy Semi-Conductor H...
2SC2715 BILIN-2SC2715 Datasheet
262Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2715 KEXIN-2SC2715 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC2715 SECOS-2SC2715 Datasheet
913Kb / 4P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2715 HTSEMI-2SC2715 Datasheet
1Mb / 4P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC3199 ETC-2SC3199 Datasheet
55Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
logo
KEC(Korea Electronics)
2SC3201 KEC-2SC3201 Datasheet
40Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
2SC3202 KEC-2SC3202 Datasheet
46Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
2SC3203 KEC-2SC3203 Datasheet
41Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
2SC3206 KEC-2SC3206 Datasheet
47Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
KTC2120 KEC-KTC2120 Datasheet
39Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE (PCT PROCESS)
KTC2235 KEC-KTC2235 Datasheet
40Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE (PCT PROCESS)
KTC2383 KEC-KTC2383 Datasheet
41Kb / 1P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE (PCT PROCESS)
logo
Toshiba Semiconductor
2SC2714 TOSHIBA-2SC2714_07 Datasheet
1Mb / 8P
Silicon NPN Epitaxial Planar Type (PCT process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com