Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2715 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2715
Description  Silicon NPN Epitaxial Planar Type (PCT process)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2715 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2715 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 5Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 6Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 7Page - Toshiba Semiconductor 2SC2715 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC2715
2007-11-01
2
y Parameter (typ.)
(1)
(common emitter f
= 455 kHz, Ta = 25°C)
Characteristics
Symbol
2SC2715-R
2SC2715-O
2SC2715-Y
Unit
Collector-emitter voltage
VCE
6
6
6
V
Emitter current
IE
−1
−1
−1
mA
Input conductance
gie
0.58
0.41
0.26
mS
Input capacitance
Cie
53
46
38
pF
Output conductance
goe
1.9
2.7
4.8
μS
Output capacitance
Coe
2.6
2.8
3.6
pF
Forward transfer admittance
⎪yfe⎪
38
38
38
mS
Phase angle of forward transfer
admittance
θfe
−0.79
−0.83
−0.92
°
Reverse transfer admittance
⎪yre⎪
5.7
5.7
6.2
μS
Phase angle of reverse transfer
admittance
θre
−90
−90
−90
°
(2)
(common emitter f
= 10.7 MHz, Ta = 25°C)
Characteristics
Symbol
2SC2715-R
2SC2715-O
2SC2715-Y
Unit
Collector-emitter voltage
VCE
6
6
6
V
Emitter current
IE
−1
−1
−1
mA
Input conductance
gie
1.04
0.85
0.65
mS
Input capacitance
Cie
49
43
36
pF
Output conductance
goe
10
15
28
μS
Output capacitance
Coe
2.7
2.9
3.6
pF
Forward transfer admittance
⎪yfe⎪
37
37
37
mS
Phase angle of forward transfer
admittance
θfe
−9.6
−10.4
−11.5
°
Reverse transfer admittance
⎪yre⎪
120
120
140
μS
Phase angle of reverse transfer
admittance
θre
−90
−90
−90
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com