Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8113 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8113
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113 Datasheet(HTML) 2 Page - Analog Devices

  ADL8113 Datasheet HTML 1Page - Analog Devices ADL8113 Datasheet HTML 2Page - Analog Devices ADL8113 Datasheet HTML 3Page - Analog Devices ADL8113 Datasheet HTML 4Page - Analog Devices ADL8113 Datasheet HTML 5Page - Analog Devices ADL8113 Datasheet HTML 6Page - Analog Devices ADL8113 Datasheet HTML 7Page - Analog Devices ADL8113 Datasheet HTML 8Page - Analog Devices ADL8113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Data Sheet
ADL8113
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 37
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
0.01GHz to 200MHz Frequency Range............. 3
200MHz to 6GHz Frequency Range.................. 5
6GHz to 9GHz Frequency Range...................... 7
9GHz to 12GHz Frequency Range ................... 9
12GHz to 14GHz Frequency Range................ 10
DC Specifications............................................. 11
Absolute Maximum Ratings.................................12
Thermal Resistance......................................... 12
RF Input Power Derating Curve....................... 12
Electrostatic Discharge (ESD) Ratings.............12
ESD Caution.....................................................12
Pin Configuration and Function Descriptions...... 13
Interface Schematics........................................14
Typical Performance Characteristics................... 15
Internal Amplifier Mode.................................... 15
Internal Bypass Mode.......................................28
External Bypass A Mode ................................. 30
External Bypass B Mode.................................. 32
Theory of Operation.............................................34
Signal Path Modes for Digital Control Inputs....34
Applications Information...................................... 35
Recommended Turn-On and Turn-Off Bias
Sequencing.................................................... 35
Recommended Power Management Circuit.....36
Outline Dimensions............................................. 37
Ordering Guide.................................................37
Evaluation Boards............................................ 37
REVISION HISTORY
3/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com