Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8113 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8113
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8113 Datasheet HTML 17Page - Analog Devices ADL8113 Datasheet HTML 18Page - Analog Devices ADL8113 Datasheet HTML 19Page - Analog Devices ADL8113 Datasheet HTML 20Page - Analog Devices ADL8113 Datasheet HTML 21Page - Analog Devices ADL8113 Datasheet HTML 22Page - Analog Devices ADL8113 Datasheet HTML 23Page - Analog Devices ADL8113 Datasheet HTML 24Page - Analog Devices ADL8113 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
ADL8113
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 37
Figure 48. OP1dB vs. Frequency for Various Supply Voltages,
10MHz to 200MHz, IDQ = 110mA
Figure 49. Saturated Power (PSAT) vs. Frequency for Various Temperatures,
10MHz to 200MHz, VDD = 5V, IDQ = 110mA
Figure 50. PSAT vs. Frequency for Various IDQ Values,
10MHz to 200MHz, VDD = 5V
Figure 51. OP1dB vs. Frequency for Various Supply Voltages,
200MHz to 14GHz, VDD = 5V, IDQ = 110mA
Figure 52. PSAT vs. Frequency for Various Temperatures,
200MHz to 14GHz, VDD = 5V, IDQ = 110mA
Figure 53. PSAT vs. Frequency for Various IDQ Values,
200MHz to 14GHz, VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com