Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL40502ACPZ-3.0-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL40502ACPZ-3.0-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.0-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADPL40502ACPZ-3.0-R7 Datasheet HTML 1Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 2Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 3Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 4Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 5Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
3 of 17
SPECIFICATIONS
Table 1. Electrical Characteristics
(VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater, VEN = VIN, IOUT = 10mA, CIN = COUT = 1µF, and TA = -40°C to +125°C (Typ
values at 25°C), unless otherwise noted. Note that VIN is the input voltage, VOUT is the output voltage, IOUT is the
output current, CIN is the input capacitance, and COUT is the output capacitance.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.2
5.5
V
Operating Supply Current
IGND
IOUT = 0µA
20
40
µA
IOUT = 10mA
75
105
µA
IOUT = 200mA
290
390
µA
Shutdown Current
IGND-SD
EN = GND
0.2
1.0
µA
Output Voltage Accuracy
VOUT
IOUT = 10mA
−1
+1
%
100µA < IOUT < 200mA,
VIN = (VOUT + 0.4V) to 5.5V
−3
+2
%
Line Regulation
∆VOUT /∆VIN
VIN = (VOUT + 0.4V) to 5.5V,
TJ = −40°C to +125°C
−0.05
+0.05
%/V
Load Regulation1
∆VOUT /∆IOUT
IOUT = 100µA to 200mA
0.006
0.012
%/mA
Dropout Voltage2
VDROPOUT
IOUT = 10mA
10
30
mV
IOUT = 200mA
150
230
mV
Start-up Time3
tSTART-UP
VOUT = 3.3V
180
µs
Current-Limit Threshold4
ILIMIT
TJ = 0°C to +125°C
220
300
400
mA
Undervoltage Lockout
Input Voltage Rising
UVLORISE
1.96
V
Input Voltage Falling
UVLOFALL
1.28
V
Hysteresis
UVLOHYS
120
mV
Thermal Shutdown
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD-HYS
15
°C
EN Input
Logic High
VIH
2.2V ≤ VIN ≤ 5.5V
1.2
V
Logic Low
VIL
2.2V ≤ VIN ≤ 5.5V
0.4
V
Pull-Down Resistance
REN
VIN = EN voltage (VEN) = 5.5V
2.6
Output Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com