Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL40502ACPZ-3.0-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL40502ACPZ-3.0-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.0-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL40502ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
15 of 17
OUTLINE DIMENSIONS
Figure 29. 5-Lead, Thin Small Outline Transistor Package [TSOT] (UJ-5) Dimensions shown in millimeters
Figure 30. 6-Lead, Lead Frame Chip Scale Package [LFCSP] 2mm × 2mm Body and 0.55mm Package Height (CP-6-3)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-193-AB
0.95 BSC
1.90 REF
0.90
0.70
0.20
0.08
0.60
0.45
0.30
0.50
0.30
0.10 MAX
1.00 MAX
5
4
1
2
3
END VIEW
TOP VIEW
SIDE VIEW
3.05
2.90
2.75
3.05
2.80
2.55
1.75
1.60
1.45
SEATING
PLANE
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
6
1
4
3
0.35
0.30
0.25
BOTTOM VIE W
PIN 1 INDEX
AREA
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.65 BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.10
2.00 SQ
1.90
0.15 MIN
SEATING
PLANE
PIN1
INDIC ATORAREAOPTIONS
(SEEDETAILA)
DETAIL A
(JEDEC 95)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com